Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F100RCT7BTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F100RCT7BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100RCT7BTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F100RCT7BTR Datasheet HTML 6Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 7Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 8Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 9Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 10Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 11Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 12Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 13Page - STMicroelectronics STM32F100RCT7BTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
Description
STM32F100xC, STM32F100xD, STM32F100xE
10/98
Doc ID 15081 Rev 7
2.1
Device overview
Table 2.
STM32F100xx features and peripheral counts
Peripheral
STM32F100Rx
STM32F100Vx
STM32F100Zx
Flash - Kbytes
256
384
512
256
384
512
256
384
512
SRAM - Kbytes
24
32
32
24
32
32
24
32
32
FSMC
No
Yes(1)
Yes
Timers
Advanced-control
11
1
General-purpose
10
10
10
Communication
interfaces
SPI
33
3
I2C
22
2
USART
33
3
UART
22
2
CEC
11
1
12-bit synchronized ADC
number of channels
1
16 channels
1
16 channels
1
16 channels
GPIOs
51
80
112
12-bit DAC
Number of channels
2
2
2
2
2
2
CPU frequency
24 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient operating temperature: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to +125 °C
Packages
LQFP64
LQFP100
LQFP144
1.
For the LQFP100 package, only FSMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory.


Similar Part No. - STM32F100RCT7BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
More results

Similar Description - STM32F100RCT7BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
   Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com