Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F100VDT6BTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F100VDT6BTR
Description  High-density value line, advanced ARM-based 32-bit MCU
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VDT6BTR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F100VDT6BTR Datasheet HTML 1Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 2Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 3Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 4Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 5Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 6Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 7Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 8Page - STMicroelectronics STM32F100VDT6BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
This is information on a product in full production.
September 2012
Doc ID 15081 Rev 7
1/98
1
STM32F100xC STM32F100xD
STM32F100xE
High-density value line, advanced ARM-based 32-bit MCU with
256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
Datasheet
production data
Features
Core: ARM 32-bit Cortex™-M3 CPU
– 24 MHz maximum frequency, 1.25 DMIPS
/MHz (Dhrystone 2.1) performance
– Single-cycle multiplication and hardware
division
Memories
– 256 to 512 Kbytes of Flash memory
– 24 to 32 Kbytes of SRAM
– Flexible static memory controller with 4
Chip Selects. Supports SRAM, PSRAM
and NOR memories
– LCD parallel interface, 8080/6800 modes
Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR and programmable voltage
detector (PVD)
– 4-to-24 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
Serial wire debug (SWD) and JTAG I/F
DMA
– 12-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs, USARTs and DACs
1 × 12-bit, 1.2 µs A/D converter (up to 16 ch.)
– Conversion range: 0 to 3.6 V
– Temperature sensor
2 × 12-bit D/A converters
Up to 112 fast I/O ports
– 51/80/112 I/Os, all mappable on 16
external interrupt vectors and almost all
5 V-tolerant
Up to 16 timers
– Up to seven 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter
– One 16-bit, 6-channel advanced-control
timer: up to 6 channels for PWM output,
dead time generation and emergency stop
– One 16-bit timer, with 2 IC/OC, 1
OCN/PWM, dead-time generation and
emergency stop
– Two 16-bit timers, each with
IC/OC/OCN/PWM, dead-time generation
and emergency stop
– Two watchdog timers
– SysTick timer: 24-bit downcounter
– Two 16-bit basic timers to drive the DAC
Up to 11 communications interfaces
– Up to two I2C interfaces (SMBus/PMBus)
– Up to 3 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 2 UARTs
– Up to 3 SPIs (12 Mbit/s)
– Consumer electronics control (CEC) I/F
CRC calculation unit, 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM32F100xC
STM32F100RC, STM32F100VC,
STM32F100ZC
STM32F100xD
STM32F100RD, STM32F100VD,
STM32F100ZD
STM32F100xE
STM32F100RE, STM32F100VE,
STM32F100ZE
LQFP144
20 × 20 mm
LQFP100
14 × 14 mm
LQFP64
10 × 10 mm
www.st.com


Similar Part No. - STM32F100VDT6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100VD STMICROELECTRONICS-STM32F100VD Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
More results

Similar Description - STM32F100VDT6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
   Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com