Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR72A104KA37 Datasheet(PDF) 47 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A104KA37
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A104KA37 Datasheet(HTML) 47 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A104KA37 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. GCM21BR72A104KA37 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
45
1. The performance of chip monolithic ceramic capacitors
may be affected by the storage conditions.
1-1. Store the capacitors in the following conditions:
Room Temperature of +5°C to +40°C and
a Relative Humidity of 20% to 70%.
(1) Sunlight, dust, rapid temperature changes,
corrosive gas atmosphere, or high temperature
and humidity conditions during storage may affect
solderability and packaging performance.
Please use product within six months of receipt.
(2) Please confirm solderability before using after six
months. Store the capacitors without opening the
original bag. Even if the storage period is short, do
not exceed the specified atmospheric conditions.
1-2. Corrosive gas can react with the termination
(external) electrodes or lead wires of capacitors, and
result in poor solderability. Do not store the capacitors
in an atmosphere consisting of corrosive gas (e.g.,
hydrogen sulfide, sulfur dioxide, chlorine, ammonia
gas, etc.).
1-3. Due to moisture condensation caused by rapid
humidity changes, or the photochemical change
caused by direct sunlight on the terminal electrodes
and/or the resin/epoxy coatings, the solderability and
electrical performance may deteriorate. Do not store
capacitors under direct sunlight or in high humidity
conditions.
<Applicable to GCG Series>
1-4. After unpacking, immediately reseal, or store in a
desiccator containing a desiccant.
c Storage and Operation Conditions
Continued on the following page.
c Rating
1. Temperature Dependent Characteristics
1. The electrical characteristics of a capacitor can change
with temperature.
1-1. For capacitors having larger temperature
dependency, the capacitance may change with
temperature changes.
The following actions are recommended in order to
ensure suitable capacitance values.
(1) Select a suitable capacitance for the operating
temperature range.
(2) The capacitance may change within the rated
temperature.
When you use a high dielectric constant type
capacitor in a circuit that needs a tight (narrow)
capacitance tolerance (e.g., a time-constant
circuit), please carefully consider the temperature
characteristics, and carefully confirm the various
characteristics in actual use conditions and the
actual system.
-50
-40
-30
-20
-10
0
10
20
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
[
Typical Temperature Characteristics R7(X7R)]
Sample: 0.1μF, Rated Voltage 50VDC
!Caution


Similar Part No. - GCM21BR72A104KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA1-GCM21BR72A104KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Infineon Technologies A...
GCM21BR72A104KA37K INFINEON-GCM21BR72A104KA37K Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Murata Manufacturing Co...
GCM21BR72A104KA37L MURATA-GCM21BR72A104KA37L Datasheet
729Kb / 44P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GCM21BR72A104KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com