Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR72A683KA37 Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A683KA37
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A683KA37 Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A683KA37 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Features
Specifications
Resin External Electrode Product
GCJ Series
The resin external electrodes prevent the occurrence of cracking caused by
deflection stress after board mounting!
Cracking of the ceramic element is suppressed by the resin of the external electrodes, which releases the stress.
The resin external electrodes suppress cracks by board deflection.
1
Suppresses the occurrence of cracking caused by deflection stress at the time of board mounting,
etc.
2
Size
<Dimensions>
Rated Voltage
DC10 to 1kV
Capacitance
220pF to 10μF
Main Applications
Battery lines and power trains for automobiles
1.6×0.8mm to 5.7×5.0mm
e
g
e
L
W
T
Occurrence of cracking on
edge of terminal electrode
Separated foundation
electrode and resin electrode
oFor Automobiles (GCM Series)
oResin External Electrode Type (GCJ Series)
<Example of Structure>
Resin electrodes relieve the stress
Internal Electrodes
Ceramic
Resin Electrodes Layer
Conductive resin layer relieves
the mechanical stress of the ceramic
2468
100
60
80
40
20
0
0
Deflection Amount (mm)
Due to the specification of the measuring instrument, measurements can be performed up to 8mm.
This AEC-Q200 conforming product is ideal for the ECU, control circuits of headlights, etc. of automobiles.
Ideal for automobiles.
3
GCJ/1608 (in mm)/0603 (in inch)
GCM/1608 (in mm)/0603 (in inch)
AEC-
Q200
Fail
safe
Deflecting
crack
Foundation Electrode Layer
Ni/Sn Plated Layer
C03E.pdf
May.17,2013
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GCM21BR72A683KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR72A683KA37 MURATA1-GCM21BR72A683KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM21BR72A683KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com