Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR72A683KA37 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A683KA37
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A683KA37 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A683KA37 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM21BR72A683KA37 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Features
Specifications
General Purpose Product
GCM Series
Capacitor for automotive applications such as power train and safety equipment.
This product can be used for safety devices, such as the drive system control for engine ECU, air bags, and ABS.
This product has cleared test conditions more severe than that of general products (GRM Series) even in
temperature cycle and humidity load tests.
Ideal for power trains and safety devices in automobiles.
1
We also offer a lineup for 150°C that can be used in the engine room.
Can be used at 125°C and 150°C temperatures.
2
Sn plating is applied to the external electrodes; excellent solder ability.
3
Items
Test Method
Test Method
General Purpose GRM Series
Maximum operating temperature: 85°C/105°C/125°C
GCM Series for Automobiles
Maximum operating temperature: 125°C
Temperature Cycle
Temperature Cycle: 5 cycles
Test temperature: 40±2°C
Test humidity: 90 to 95%RH
Test time: 500 hours
Temperature Cycle: 100 cycles
(1,000 cycles for AEC-Q200 conforming products)
Test temperature: 85±2°C
Test humidity: 80 to 85%RH
Test time: 500 hours
(1,000 hours for AEC-Q200 conforming products)
Humidity Loading
Size
Rated Voltage
DC6.3 to 1kV
Capacitance
0.1pF to 47μF
Main Applications
Drive system control of engine ECU, Airbag, Safety equipment such as ABS
0.6×0.3mm to 5.7×5.0mm
<Example of Structure>
Internal Electrodes
Ceramic
<Dimensions>
e
g
e
L
W
T
AEC-
Q200
Foundation Electrode Layer
Ni/Sn Plated Layer
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
16


Similar Part No. - GCM21BR72A683KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR72A683KA37 MURATA1-GCM21BR72A683KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM21BR72A683KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com