Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM21BR72A473KA37 Datasheet(PDF) 62 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A473KA37
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A473KA37 Datasheet(HTML) 62 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A473KA37 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. GCM21BR72A473KA37 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
60
Notice
1. Transportation
1. The performance of a capacitor may be affected by the
conditions during transportation.
1-1. The capacitors shall be protected against
excessive temperature, humidity, and mechanical
force during transportation.
(1) Climatic condition
the boxes are not deformed and forces are not
pressure to the capacitor.
may occur in the ceramic body of the capacitor.
impacts strongly on the surface of the capacitor,
A capacitor dropped accidentally during
processing may be damaged.
specification values in a finished product before using.
dependency exists in the capacitance of high dielectric
type ceramic capacitors, the capacitance may change
depending on the operating conditions in the actual
system. Therefore, be sure to evaluate the various
the capacitor.
surge may be applied to the capacitor by the
resistance in the actual system as required.
c Other
Continued from the preceding page.
of the thermal contraction of the resin during curing
process.
The stress is affected by the amount of resin and curing
contraction.
The difference in the thermal expansion coefficient
capacitor may cause the destruction and deterioration of
deterioration of insulation resistance or dielectric
is as close to that of the capacitor as possible.
A silicone resin can be used as an under-coating to buffer
against the stress.
Using hygroscopic resins under high humidity conditions
may cause the deterioration of the insulation resistance of
a capacitor.
An epoxy resin can be used as a less hygroscopic resin.
7. Coating


Similar Part No. - GCM21BR72A473KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BR72A473KA37 MURATA1-GCM21BR72A473KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM21BR72A473KA37

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com