Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRYPY1211C Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # FRYPY1211C
Description  Bi-color Type (1.6 X 1.5 mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FRYPY1211C Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  FRYPY1211C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FRYPY1211C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Page 3
Absolute Maximum Ratings
Absolute Maximum Ratings
BG
PG
PY
YPY
FR
BR
Power Dissipation
Pd
70
70
70
78
81
70
mW
Continuous forward
current
IF
25
25
25
30
30
25
mA
Repetitive peak
forward current
※ 1
IFRM
60
60
60
100
100
60
mA
⊿ IF
0.36
0.36
0.36
0.43
0.43
0.36
mA/℃
⊿ IFRM
0.86
0.86
0.86
1.43
1.43
0.86
mA/℃
Reverse Voltage
VR
44
45
5
4
V
Operating
Temperature
Topr
-30~+ 85
-40~+85
-30~+85
Storage Temperature
Tstg
-40~+100
Item
Symbol
Unit
Derating linearly
(Ta=25℃ or higher)
Bi-color Type (1.6 X 1.5 mm)
1211C Series
(Ta=25℃)
※1 IFRMMeasurement condition : Pulse Width≦1ms., Duty≦1/20.
The ratings specified above are under the condition that only one diode is lit.
50% Max. of each rating shall be applied when two diodes are lit simultaneously.
YPY
FR
Power Dissipation
Pd
36
36
mW
Continuous forward
current
IF
15
15
mA
Repetitive peak
forward current
※ 1
IFRM
48
48
mA
⊿ IF
0.21
0.21
mA/℃
⊿ IFRM
0.69
0.69
mA/℃
Reverse Voltage
VR
55
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Item
Symbol
Unit
Derating linearly
(Ta=25℃ or higher)
-40~+85
-40~+100
Absolute Maximum Ratings
2010.7.15
Low current type


Similar Part No. - FRYPY1211C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
FRYPY1211C-0005 STANLEY-FRYPY1211C-0005 Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
FRYPY1211C-0005 STANLEY-FRYPY1211C-0005 Datasheet
481Kb / 14P
   Outer Dimension
More results

Similar Description - FRYPY1211C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615SYKCGKC-F01 TO-GRACE-APTB1615SYKCGKC-F01 Datasheet
928Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615SYKQBDW TO-GRACE-APTB1615SYKQBDW Datasheet
907Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615YSGC-F01 TO-GRACE-APTB1615YSGC-F01 Datasheet
902Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SYKCGKC TO-GRACE-KPTB-1615SYKCGKC Datasheet
977Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615YSGC TO-GRACE-KPTB-1615YSGC Datasheet
959Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKCGKC TO-GRACE-KPTB-1615SURKCGKC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKQBDC TO-GRACE-KPTB-1615SURKQBDC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615ESGC TO-GRACE-KPTB-1615ESGC Datasheet
956Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615ESGC-F01 TO-GRACE-APTB1615ESGC-F01 Datasheet
889Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com