Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N60A4 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGTG20N60A4
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG20N60A4 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGTG20N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 8Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
HGTG20N60A4D, HGT4E20N60A4DS Rev. C
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. TOTAL SWITCHING LOSS vs CASE
TEMPERATURE
FIGURE 16. TOTAL SWITCHING LOSS vs GATE RESISTANCE
Typical Performance Curves Unless Otherwise Specified (Continued)
80
60
70
ICE, COLLECTOR TO EMITTER CURRENT (A)
120
100
110
90
VGE = 12V, VGE = 15V, TJ = 25
oC
VGE = 12V, VGE = 15V, TJ = 125
oC
RG = 3Ω, L = 500µH, VCE = 390V
15
10
20
25
30
35
40
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
16
32
24
48
64
40
56
RG = 3Ω, L = 500µH, VCE = 390V
72
80
15
10
20
25
30
35
40
5
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
0
80
120
78
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
160
200
240
6
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
40
QG, GATE CHARGE (nC)
2
14
0
4
10
IG(REF) = 1mA, RL = 15Ω, TJ = 25
oC
VCE = 200V
6
8
12
16
VCE = 600V
20
40
60
80
120
100
140
160
0
IG(REF) = 1mA, RL = 15Ω, TJ = 25
oC
VCE = 400V
0
0.2
0.4
50
75
100
TC, CASE TEMPERATURE (
oC)
0.6
1.0
125
25
150
1.8
0.8
1.4
1.2
1.6
ICE = 30A
ICE = 20A
ETOTAL = EON2 + EOFF
RG = 3Ω, L = 500µH, VCE = 390V, VGE = 15V
ICE = 10A
0.1
10
100
RG, GATE RESISTANCE (Ω)
1
3
1000
10
TJ = 125
oC, L = 500µH, VCE = 390V, VGE = 15V
ETOTAL = EON2 + EOFF
ICE = 10A
ICE = 20A
ICE = 30A
HGTG20N60A4D, HGT4E20N60A4DS


Similar Part No. - HGTG20N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60A4 FAIRCHILD-HGTG20N60A4 Datasheet
140Kb / 8P
   600V, SMPS Series N-Channel IGBTs
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
   600V, SMPS Series N-Channel IGBTs
October 1999
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
157Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG20N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com