Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJM1WS2512 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJM1WS2512
Description  Low Resistance Value Chip Resistors(Current Sensing Resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJM1WS2512 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJM1WS2512 Datasheet HTML 1Page - Panasonic Semiconductor ERJM1WS2512 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Low Resistance Value Chip Resistors
Terminal; Plated Metal
Resistive Body; Alloy Plate
Protective coating; Resin
L
a
120
100
80
60
40
20
0
–55 –40
0
40
80
70 °C
120
160
170 °C
200
Ambient Temperature (°C)
ERJM03
ERJM1W
155 °C
Resistive Body; Alloy Plate
Protective coating; Resin
Terminal; Plated Metal
L
a
Type
Type
(inch size)
Dimensions (mm)
LWT
a
Mass (Weight)
[g/1000 pcs.]
S Type
ERJM1WS
(2512)
6.40
±0.25
3.20
±0.25
0.80
±0.30
1.00
±0.25
70
T Type
ERJM1WT
(2512)
6.40
±0.40
2.10
±0.30
90
Type
(inch size)
Power Rating
at 70 °C (W)
Standard
Resistance (m
Ω)
Resistance
Tolerance (%)
T.C.R.
(
×10-6/°C)
Category
Temperature
Range (°C)
Circuit board of use
ERJM03N
(0603)
0.25
10
F: ±1, J: ±5
±100
–55 to +155
ERJM1WS
(2512)
1
3, 4
±350
–55 to +170
You should use the aluminum
substrate when the added
wattage exceeds 0.5 W.
5, 6, 10, 15, 20
±100
ERJM1WT
(2512)
1, 1.5
350±100
2, 3, 4
100±50
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Ratings
✽ Please contact the factory for other values and the range
Dimensions in mm (not to scale)
Construction
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWT
a
b
ERJM03N
(0603)
1.60
±0.15
0.8
±0.15
0.35
±0.10 0.45±0.15 0.65±0.15
1.7
● ERJM1W
● ERJM03
● ERJM1W
● ERJM03
Aug. 2012
01
15


Similar Part No. - ERJM1WS2512

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
More results

Similar Description - ERJM1WS2512

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WTF1M0U PANASONIC-ERJ-M1WTF1M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com