Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985IM5X-5.0 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5X-5.0
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985IM5X-5.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2985IM5X-5.0 Datasheet HTML 3Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 4Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 5Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 6Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 7Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 8Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 9Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 10Page - Texas Instruments LP2985IM5X-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) +1, TA = 25°C, ON/OFF pin is tied to VIN.
Ripple Rejection
Output Impedance vs Frequency
Figure 15.
Figure 16.
Output Impedance vs Frequency
Output Noise Density
Figure 17.
Figure 18.
Output Noise Density
Ground Pin vs Load Current
Figure 19.
Figure 20.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2985-N


Similar Part No. - LP2985IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985IM5X-5.0 NSC-LP2985IM5X-5.0 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
TECH PUBLIC Electronics...
LP2985IM5X-5.0 TECHPUBLIC-LP2985IM5X-5.0 Datasheet
4Mb / 8P
   16V,200mA, 5uA, Higt PSRR Voltage Reaulator
logo
Texas Instruments
LP2985IM5X-5.0 TI-LP2985IM5X-5.0 Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985IM5X-5.0 TI-LP2985IM5X-5.0 Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985IM5X-5.0 TI1-LP2985IM5X-5.0 Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
More results

Similar Description - LP2985IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com