Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N5712-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N5712-1
Description  Schottky Barrier Diode Qualified per MIL-PRF-19500/444
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N5712-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N5712-1 Datasheet HTML 1Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 2Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 3Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 4Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 5Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 6Page - Microsemi Corporation JANTX1N5712-1 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T4-LDS-0040, Rev. 4 (6/4/13)
©2013 Microsemi Corporation
Page 1 of 7
1N5711-1, 1N5712-1, 1N6857-1, and
1N6858-1; DSB2810 and DSB5712
Available on
commercial
versions
Schottky Barrier Diode
Qualified per MIL-PRF-19500/444
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
This Schottky barrier diode is metallurgically bonded and offers military grade qualifications
for high-reliability applications on “1N” prefixed numbers. This small diode is hermetically
sealed and bonded into a DO-35 glass package.
DO-35 (DO-204AH)
Package
Also available in:
UB package
(3-pin surface mount)
1N5711UB, 1N5712UB
(B, CC, CA)
DO-213AA package
(surface mount)
1N5711UR-1, 1N5712UR-1,
1N6857UR-1, and
1N6858UR-1
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
JEDEC registered 1N5711-1, 1N5712-1, 1N6857-1, and 1N6858-1 numbers.
Metallurgically bonded.
JAN, JANTX, JANTXV and commercial qualifications also available per MIL-PRF-19500/444 on
“1N” numbers only.
(See Part Nomenclature for all available options).
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Low reverse leakage characteristics.
Small size for high density mounting using flexible thru-hole leads (see package illustration).
ESD sensitive to Class 1.
MAXIMUM RATINGS @ 25 ºC unless otherwise stated
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +150
ºC
Thermal Resistance, Junction-to-Lead
@ lead length = 0.375 inch (9.52 mm) from body
RӨJL
250
ºC/W
Average Rectified Output Current:
1N5711
(1)
DSB2810, DSB5712, 1N5712 & 1N6858
(2)
1N6857
(3)
IO
33
75
150
mA
Solder Temperature @ 10 s
260
oC
NOTES: 1. At T L = +130°C and L = 0.375 inch, derate IO to 0 at +150°C.
2. At T L = +110°C and L = 0.375 inch, derate IO to 0 at +150°C.
3. At T L = +70°C and L = 0.375 inch, derate IO to 0 at +150°C.


Similar Part No. - JANTX1N5712-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
JANTX1N5712-1 CDI-DIODE-JANTX1N5712-1 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - JANTX1N5712-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com