Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71745DSET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71745DSET
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71745DSET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS71745DSET Datasheet HTML 6Page - Texas Instruments TPS71745DSET Datasheet HTML 7Page - Texas Instruments TPS71745DSET Datasheet HTML 8Page - Texas Instruments TPS71745DSET Datasheet HTML 9Page - Texas Instruments TPS71745DSET Datasheet HTML 10Page - Texas Instruments TPS71745DSET Datasheet HTML 11Page - Texas Instruments TPS71745DSET Datasheet HTML 12Page - Texas Instruments TPS71745DSET Datasheet HTML 13Page - Texas Instruments TPS71745DSET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
300
270
240
210
180
150
120
90
60
30
0
0
10
100
C
(nF)
NR
1
I
=10mA
C
=1 F
OUT
OUT
m
50
45
40
35
30
25
20
15
10
5
0
0
15
25
C
( F)
OUT m
10
5
20
V
=2.8V,C
=10nF
V
=1.3V,C
=1nF
OUT
NR
OUT
NR
100 s/div
m
1V/div
6.5V
10mV/div
V
IN
V
OUT
=1V/ s
m
dV
IN
dt
C
OUT = 1mF
3.3V
100 s/div
m
50mV/div
40mV/div
I
OUT
V
OUT
V
=3.3V
IN
150mA
0mA
C
=1 F
m
OUT
1V/div
4V/div
V
OUT
V
IN
C
=1 F
m
OUT
C
=10 F
m
OUT
6.5V
1V/div
6.5V
0V
V
OUT
50 s/div
m
50ms/div
3
4
5
6
0
1
2
V
OUT
V
IN
I
=150mA
OUT
TPS717xx
SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009.................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA,
VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at TJ = +25°C.
TOTAL OUTPUT NOISE vs
TOTAL OUTPUT NOISE vs
NOISE REDUCTION
OUTPUT CAPACITANCE
Figure 27.
Figure 28.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 29.
Figure 30.
TURN-ON RESPONSE
POWER-UP/POWER-DOWN
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated


Similar Part No. - TPS71745DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71745DSET TI-TPS71745DSET Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71745DSET TI-TPS71745DSET Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71745DSET TI1-TPS71745DSET Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
More results

Similar Description - TPS71745DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com