Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1206Y102CFQAT Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. 1206Y102CFQAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1206Y102CFQAT Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 1206Y102CFQAT Datasheet HTML 7Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 8Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 9Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 10Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 11Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 12Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 13Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 14Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
13
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
X7R/X5R DIELECTRIC - TYPICAL PARAMETERS
15
10
5
0
- 5
- 10
- 15
- 20
TEMPERATURE °C
X7R
X5R
- 25
- 30
TEMPERATURE COEFFICIENT OF CAPACITANCE
- 75 - 50 - 25
0
20 50 75 100 125 150 175
10
25
100
10 000
1000
100
10
150
INSULATION RESISTANCE VS. TEMPERATURE
TEMPERATURE °C
0.0
DISSIPATION FACTOR VS. TEMPERATURE
TEMPERATURE °C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
- 75 - 50 - 25
0
25
50 75 100 125 150 175
X7R
X5R
HOURS
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0
AGING RATE
1
10
100
1000
10 000
100
50
TEMPERATURE °C
0
RATED VOLTAGE VS. TEMPERATURE
150
200
- 75 - 50 - 25 0
20 50 75 100 125 150 175 180
X7R
0
10 20
30 40
50 60 70 80
90 100
0
- 15
- 20
- 25
- 30
- 10
- 5
5
25 V
RATED
50 V
100 V
VOLTAGE COEFFICIENT OF CAPACITANCE
DC VOLTS APPLIED
RATED
RATED
0.020
0.016
0.012
0.008
0.004
DISSIPATION FACTOR VS. VOLTAGE
50 V
100 V
DC VOLTS APPLIED
0
10 20 30 40
50 60
70 80 90 100
DISSIPATION FACTOR VS. VOLTAGE
0
100
200
300
400
500
600
700
0.020
0.016
0.012
0.008
0.000
500 V/630 V
200 V
DC VOLTS APPLIED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn