Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1206Y102CFQAT Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. 1206Y102CFQAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1206Y102CFQAT Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button 1206Y102CFQAT Datasheet HTML 7Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 8Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 9Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 10Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 11Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 12Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 13Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 14Page - Vishay Siliconix 1206Y102CFQAT Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
12
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
- 75 - 50 - 25
0
50
100 125
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
NP0
TEMPERATURE °C
150 175
25
75
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE °C
INSULATION RESISTANCE VS. TEMPERATURE
10
25
100
150
10 000
1000
100
10
50
AGING RATE
HOURS
100
1000
10 000
0.2
0.1
0.0
- 0.1
- 0.2
110
0.2
0.1
0.0
- 0.1
- 0.2
DC VOLTS APPLIED
VOLTAGE COEFFICIENT OF CAPACITANCE
0
10
20
30
40
50
60
70
80
90
100
CHANGE OF CAPACITANCE WITH FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
2
1
0
-1
-2
DISSIPATION FACTOR VS. FREQUENCY
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
0.00025
0.0005
0.001


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn