Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71730DCKTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71730DCKTG4
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71730DCKTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS71730DCKTG4 Datasheet HTML 1Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 2Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 3Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 4Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 5Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 6Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 7Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 8Page - Texas Instruments TPS71730DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ELECTRICAL CHARACTERISTICS
TPS717xx
www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater;
IOUT = 0.5mA, VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.5
6.5
V
VFB
Internal reference (TPS71701)
0.790
0.800
0.810
V
Output voltage range (TPS717xx)
0.9
5.0
V
VOUT
Output voltage range (TPS71701)
0.9
6.5 – VDO
V
Output accuracy
Nominal
TJ = +25°C
±2.5
mV
Output accuracy
Over VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 6.5V
–30
+30
mV
VOUT
(VOUT < 1.0V)
Temp(2)
0mA
≤ IOUT ≤ 150mA
Output accuracy
Over VIN, IOUT,
VOUT + 0.5V ≤ VIN ≤ 6.5V
–3.0
+3.0
%
(VOUT ≥ 1.0V)
Temp(2)
0mA
≤ IOUT ≤ 150mA
VOUT(NOM) + 0.5V ≤ VIN ≤ 6.5V,
ΔVOUT/ ΔVIN
Line regulation (1)
125
µV/V
IOUT = 5mA
ΔVOUT/ ΔIOUT
Load regulation
0mA
≤ IOUT ≤ 150mA
120
µV/mA
Dropout voltage(3)
VDO
IOUT = 150mA
170
300
mV
(VIN = VOUT(NOM) – 0.1V)
ICL (Fixed)
Output current limit (fixed output)
VOUT = 0.9 × VOUT(NOM)
200
325
575
mA
ICL (Adjustable)
Output current limit (TPS71701)
VOUT = 0.9 × VOUT(NOM)
200
325
575
mA
IOUT = 0.1mA
45
80
µA
IGND
Ground pin current
IOUT = 150mA
100
µA
VEN ≤ 0.4V, 2.5V ≤ VIN < 4.5V,
0.20
1.5
µA
TJ = –40°C to +85°C
Shutdown current
ISHDN
(IGND)
VEN ≤ 0.4V, 4.5V ≤ VIN ≤ 6.5V,
0.90
µA
TJ = –40°C to +85°C
IFB
Feedback pin current (TPS71701)
0.02
1.0
µA
f = 100Hz
70
dB
f = 1kHz
70
dB
Power-supply rejection ratio
PSRR
VIN = 3.8V, VOUT = 2.8V,
f = 10kHz
67
dB
IOUT = 150mA
f = 100kHz
67
dB
f = 1MHz
45
dB
CNR = none
95 × VOUT
µV
RMS
(fixed output, TPS71701)
Output noise voltage
BW = 100Hz to 100kHz,
CNR = 0.001µF
25 × VOUT
µV
RMS
VN
VIN = 3.8V, VOUT = 2.8V,
CNR = 0.01µF
12.5 × VOUT
µV
RMS
IOUT = 10mA
CNR = 0.1µF
11.5 × VOUT
µV
RMS
Startup time
0.9V
≤ VOUT ≤ 1.6V, CNR = 0.001µF
0.700
ms
TSTR
VOUT = 90% VOUT(NOM),
1.6V < VOUT < VMAX, CNR = 0.01µF
0.160
ms
RL = 19Ω, COUT = 1.0µF
VIN ≤ 5.5V
1.2
6.5(4)
V
VEN(HI)
Enable high (enabled)
5.5V < VIN ≤ 6.5V
1.25
6.5
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
EN = 6.5V
0.02
1.0
µA
Under-voltage lockout
VIN rising
2.41
2.45
2.49
V
UVLO
Hysteresis
VIN falling
150
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.5V, whichever is greater.
(2)
Does not include external resistor tolerances.
(3)
VDO is not measured for devices with VOUT(NOM) < 2.6V because minimum VIN = 2.5V.
(4)
Maximum VEN(HI) = VIN + 0.3 or 6.5V, whichever is smaller.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS71730DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71730DCKTG4 TI-TPS71730DCKTG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKTG4 TI-TPS71730DCKTG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKTG4 TI-TPS71730DCKTG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKTG4 TI-TPS71730DCKTG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKTG4 TI-TPS71730DCKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71730DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com