Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1206Y102BXAAT Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. 1206Y102BXAAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1206Y102BXAAT Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button 1206Y102BXAAT Datasheet HTML 7Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 8Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 9Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 10Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 11Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 12Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 13Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 14Page - Vishay Siliconix 1206Y102BXAAT Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
14
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) REFERENCE: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3) n/a = Not available
(4) Packaging “C”/”P”/”O”/”I” and “T”/”R” or lower quantities can depend from product thickness
STANDARD PACKAGING QUANTITIES (1)(2)(3)
CASE CODE
TAPE SIZE
7" REEL QUANTITIES
11 1/4" AND 13" REEL QUANTITIES
PAPER TAPE
PACKAGING CODE
“C”/“O”
PLASTIC TAPE
PACKAGING CODE
“T”
PAPER TAPE
PACKAGING CODE
“P”/“I”
PLASTIC TAPE
PACKAGING CODE
“R”
0402
8 mm
5000
n/a
10 000
n/a
0603 (4)
8 mm
4000
4000
10 000
10 000
0805 (4)
8 mm
3000
3000
10 000
10 000
1206 (4)
8 mm
3000
3000/2500
10 000
10 000/9000
1210 (4)
8 mm
n/a
3000/2500/2000
n/a
10 000/9000
1808
12 mm
n/a
2000
n/a
10 000
1812
12 mm
n/a
1000
n/a
4000
1825
12 mm
n/a
1000
n/a
4000
2220
12 mm
n/a
1000
n/a
4000
2225
12 mm
n/a
1000
n/a
4000
3640
16 mm
n/a
500
n/a
n/a
STORAGE AND HANDLING CONDITIONS
(1) Store the components at 5 °C to + 40 °C ambient temperature and
 70 % related humidity conditions.
(2) The product is recommended to be used within a time-frame of 2 years after shipment.
Check solderability in case extended shelf life beyond the expiry date is needed.
Precautions:
a. Do not store products in an environment containing corrosive elements, especially where chloride gas, sulfide gas, acid, alkali, salt or
the like are present. This may cause corrosion or oxidization of the terminations, which can easily lead to poor soldering.
b. Store products on the shelf and avoid exposure to moisture or dust.
c. Do not expose products to excessive shock, vibration, direct sunlight and so on.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn