Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK613PG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK613PG
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK613PG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK613PG Datasheet HTML 5Page - Power Integrations, Inc. LNK613PG Datasheet HTML 6Page - Power Integrations, Inc. LNK613PG Datasheet HTML 7Page - Power Integrations, Inc. LNK613PG Datasheet HTML 8Page - Power Integrations, Inc. LNK613PG Datasheet HTML 9Page - Power Integrations, Inc. LNK613PG Datasheet HTML 10Page - Power Integrations, Inc. LNK613PG Datasheet HTML 11Page - Power Integrations, Inc. LNK613PG Datasheet HTML 12Page - Power Integrations, Inc. LNK613PG Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev. F 01/10
9
LNK603-606/613-616
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Cable Compensation
Factor
υ
FB
LNK615
See Figure 19
C
BP = 1 mF
1.05
C
BP = 10 mF
1.07
LNK616
See Figure 19
C
BP = 1 mF
1.06
C
BP = 10 mF
1.09
Switch ON-Time
t
ON
f
OSC = 66 kHz
V
FB = VFBth
(Note 5)
I
FB = -500 mA
4
ms
I
FB = -1 mA
2
I
FB = -1.5 mA
1.33
I
FB = -2 mA
1
Minimum Switch
ON-Time
t
ON(min)
(Note 5)
700
ns
FEEDBACK Pin
Sampling Delay
t
FB
See Figure 19
2.35
2.55
2.75
ms
DRAIN Supply
Current
I
S1
FB Voltage > V
FBth
280
330
mA
I
S2
FB Voltage = V
FBth -0.1,
Switch ON-Time = t
ON
(MOSFET Switching at f
OSC)
LNK6X3/4
440
520
LNK6X5
480
560
LNK6X6
520
600
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
LNK6X3/4
-5.0
-3.4
-1.8
mA
LNK6X5/6
-7.0
-4.8
-2.5
I
CH2
V
BP = 4 V
LNK6X3/4
-4.0
-2.3
-1.0
LNK6X5/6
-5.6
-3.2
-1.4
BYPASS Pin Voltage
V
BP
5.65
6.00
6.25
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.70
1.00
1.20
V
BYPASS Pin
Shunt Voltage
V
SHUNT
6.2
6.5
6.8
V
Circuit Protection
Current Limit
I
LIMIT
LNK6X3
di/dt = 50 mA/
ms , T
J = 25 °C
186
200
214
mA
LNK6X4
di/dt = 60 mA/
ms , T
J = 25 °C
233
250
267
LNK6X5
di/dt = 70 mA/
ms , T
J = 25 °C
293
315
337
LNK6X6
di/dt = 100 mA/
ms , T
J = 25 °C
382
410
438
Normalized Output
Current
I
O
T
J = 25 °C
See Figure 21, (See Note 6)
0.975
1.000
1.025
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
(See Note 5)
170
215
ns
Thermal Shutdown
Temperature
T
SD
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SDH
60
°C


Similar Part No. - LNK613PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK613PG POWERINT-LNK613PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK613PG POWERINT-LNK613PG Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK613PG-TL POWERINT-LNK613PG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK613PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com