Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK604PG-TL Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LNK604PG-TL
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK604PG-TL Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LNK604PG-TL Datasheet HTML 1Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 2Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK604PG-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev. F 01/10
3
LNK603-606/613-616
www.powerint.com
LinkSwitch-II Functional Description
The LinkSwitch-II combines a high voltage power MOSFET
switch with a power supply controller in one device. Similar to
the LinkSwitch-LP and TinySwitch-III it uses ON/OFF control to
regulate the output voltage. In addition, the switching frequency
is modulated to regulate the output current to provide a
constant current characteristic. The LinkSwitch-II controller
consists of an oscillator, feedback (sense and logic) circuit, 6 V
regulator, over-temperature protection, frequency jittering,
current limit circuit, leading-edge blanking, inductance
correction circuitry, frequency control for constant current
regulation and ON/OFF state machine for CV control.
Inductance Correction Circuitry
If the primary magnetizing inductance is either too high or low
the converter will automatically compensate for this by adjusting
the oscillator frequency. Since this controller is designed to
operate in discontinuous-conduction mode the output power is
directly proportional to the set primary inductance and its
tolerance can be completely compensated with adjustments to
the switching frequency.
Constant Current (CC) Operation
As the output voltage and therefore the flyback voltage across
the bias winding increases, the FEEDBACK pin voltage increases.
The switching frequency is adjusted as the FEEDBACK pin
voltage increases to provide a constant output current regulation.
The constant current circuit and the inductance correction
circuit are designed to operate concurrently in the CC region.
Constant Voltage (CV) Operation
As the FEEDBACK pin approaches V
FBth from the constant
current regulation mode, the power supply transitions into CV
operation. The switching frequency at this point is at its
maximum value, corresponding to the peak power point of the
CCCV characteristic. The controller regulates the feedback pin
voltage to remain at V
FBth using an ON/OFF state-machine. The
FEEDBACK pin voltage is sampled 2.5
ms after the turn-off of
the high voltage switch. At light loads the current limit is also
reduced to decrease the transformer flux density.
Output Cable Compensation
This compensation provides a constant output voltage at the
end of the cable over the entire load range in CV mode. As the
converter load increases from no-load to the peak power point
(transition point between CV and CC) the voltage drop introduced
across the output cable is compensated by increasing the
FEEDBACK pin reference voltage. The controller determines the
output load and therefore the correct degree of compensation
based on the output of the state machine. Cable drop
compensation for a 24 AWG (0.3
W) cable is selected with
C
BP = 1 mF and for a 26 AWG (0.49 W) cable with CPB = 10 mF.
Auto-Restart and Open-Loop Protection
In the event of a fault condition such as an output short or an
open loop condition the LinkSwitch-II enters into an appropriate
protection mode as described below.
In the event the FEEDBACK pin voltage during the flyback
period falls below 0.7 V before the FEEDBACK pin sampling
delay (~2.5
ms) for a duration in excess of ~450 ms (auto-restart
on-time (t
AR-ON) the converter enters into auto-restart, wherein
the power MOSFET is disabled for 2 seconds (~18% auto-
restart duty cycle). The auto-restart alternately enables and
disables the switching of the power MOSFET until the fault
condition is removed.
In addition to the conditions for auto-restart described above, if
the sensed FEEDBACK pin current during the forward period of
the conduction cycle (switch “on” time) falls below 120
mA, the
converter annunciates this as an open-loop condition (top
resistor in potential divider is open or missing) and reduces the
auto-restart time from 450 msec to approximately 6 clock cycles
(90
ms), whilst keeping the disable period of 2 seconds.
Over-Temperature Protection
The thermal shutdown circuitry senses the die temperature. The
threshold is set at 142 °C typical with a 60 °C hysteresis. When
the die temperature rises above this threshold (142 °C) the
power MOSFET is disabled and remains disabled until the die
temperature falls by 60 °C, at which point the MOSFET is
re-enabled.
Current Limit
The current limit circuit senses the current in the power
MOSFET. When this current exceeds the internal threshold
(I
LIMIT), the power MOSFET is turned off for the remainder of that
cycle. The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so that
current spikes caused by capacitance and rectifier reverse
recovery time will not cause premature termination of the MOSFET
conduction. The LinkSwitch-II also contains a “di/dt” correction
feature to minimize CC variation across the input line range.
6.0 V Regulator
The 6 V regulator charges the bypass capacitor connected to
the BYPASS pin to 6 V by drawing a current from the voltage on
the DRAIN, whenever the MOSFET is off. The BYPASS pin is
the internal supply voltage node. When the MOSFET is on, the
device runs off of the energy stored in the bypass capacitor.
Extremely low power consumption of the internal circuitry
allows the LinkSwitch-II to operate continuously from the
current drawn from the DRAIN pin. A bypass capacitor value of
either 1
mF or 10 mF is sufficient for both high frequency
decoupling and energy storage.


Similar Part No. - LNK604PG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK604PG-TL POWERINT-LNK604PG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK604PG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com