Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN362C048B Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # FCN362C048B
Description  RECTANGULAR CONNECTORS FCN360 Series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

FCN362C048B Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  FCN362C048B Datasheet HTML 1Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 2Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 3Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 4Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 5Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 6Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 7Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 8Page - Lite-On Technology Corporation FCN362C048B Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Terms in Selection Table (Example)
4-2
4
Contact pitch
Denotes a pitch between adjacent contacts or
pitch between rows.
2.54 mm (0.100 in.) (pitch between adjacent
contacts) x 2.54 mm (0.100 in.) (pitch between
rows)
Number of contacts
Denotes the numbers of contacts of available
connectors.
Connection type
Denotes the connection type of the cable or PC
board connection section.
Plating
Denotes the contact plating specification.
Specifications
Operating temperature range
The connector can be used within the specified
temperature range.
Current rating
Maximum current that can flow through one
connector pin
Voltage rating
Maximum voltage that can be applied to a
connector
Contact resistance
Resistance observed at the contact part when
0.3 A (or 0.1 A) flows at 6 VDC with the connectors
mated
Insulation resistance
Resistance to the leakage current flowing through
the insulator (inside or surface of the insulator)
when 500 VDC is applied across adjacent pins of a
connector
Dielectric withstanding voltage
Applying the indicated voltage across adjacent
pins of a connector for one minute does not cause
any abnormality (damage or cracks in insulator).
Insulating material, cleaning with chlorothene
Denotes the insulating material used, and
indicates whether the insulating material can be
cleaned with chlorothene.
Part number
Some part numbers are indicated as examples.
Model
700 series
Appearance
Contact pitch
Number of contacts
Solder eyelet
(tail shape)
Wire-wrapping
(post cross section)
Crimping (applicable
AWG No.)
Straight, throughhole (PC
board hole dimensions)
Right-angle, throughhole
(PC board hole dimensions)
IDC (applicable
AWG No.)
#28, Flat cable
Plating
Gold
Silver
Tin
Operating temperature
range
Current rating
Voltage rating
Contact resistance
20 m
Ω max.
Insulation resistance
(DC 500 V)
1,000M
Ω min.
Dielectric withstanding
voltage (for 1 minute)
Insulation material
cleaning with Chlorothene
Polyester
cleaning possible
Part number (example)
Remarks
EMI protection cover
provided
2.54
× 2.54
10, 14, 16, 20, 26, 30,
34, 40, 50, 60
P
J
0.64
φ 0.8, 2.54 × 2.54
P
J
P
J
φ 0.8, 2.54 × 2.54
#28, Flat cable
–55°C to +105°C
DC 1 A
AC 250 V
(DC 6 V, 0.1 A)
AC 500 V
FCN-705P050-AU/M
FCN-707J050-AU/B


Similar Part No. - FCN362C048B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN360 FUJITSU-FCN360 Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
More results

Similar Description - FCN362C048B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P-1320-CT HIROSE-P-1320-CT Datasheet
747Kb / 15P
   1300 SERIES RECTANGULAR CONNECTORS
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Hirose Electric
PW-1634BA-C HIROSE-PW-1634BA-C Datasheet
1Mb / 7P
   SUMICON 1600 SERIES RECTANGULAR CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com