Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TNY264P
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TNY264P Datasheet HTML 14Page - Power Integrations, Inc. TNY264P Datasheet HTML 15Page - Power Integrations, Inc. TNY264P Datasheet HTML 16Page - Power Integrations, Inc. TNY264P Datasheet HTML 17Page - Power Integrations, Inc. TNY264P Datasheet HTML 18Page - Power Integrations, Inc. TNY264P Datasheet HTML 19Page - Power Integrations, Inc. TNY264P Datasheet HTML 20Page - Power Integrations, Inc. TNY264P Datasheet HTML 21Page - Power Integrations, Inc. TNY264P Datasheet HTML 22Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Rev. H 02/09
18
TNY263-268
www.powerint.com
Typical Performance Characteristics (cont.)
Drain Voltage (V)
0
100
200
300
400
500
600
1
10
100
1000
TNY263
1.0
TNY264
1.0
TNY265
1.5
TNY266
2.0
TNY267
3.5
TNY268
5.5
Scaling Factors:
35
20
25
30
5
10
15
0
0
200
400
600
Drain Voltage (V)
TNY263
1.0
TNY264
1.0
TNY265
1.5
TNY266
2.0
TNY267
3.5
TNY268
5.5
Scaling Factors:
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100 125
Junction Temperature (
°C)
Figure 28. C
OSS vs. Drain Voltage.
Figure 29. Drain Capacitance Power.
Figure 30. Under-voltage Threshold vs. Temperature.


Similar Part No. - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
TNY264P POWERINT-TNY264P Datasheet
391Kb / 20P
   2.4W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com