Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK304DGTL Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LNK304DGTL
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK304DGTL Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LNK304DGTL Datasheet HTML 1Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 2Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 3Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 4Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 5Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 6Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 7Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 8Page - Power Integrations, Inc. LNK304DGTL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2-3
LNK302/304-306
3
Rev. I 11/08
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating
current for both start-up and steady-state operation.
BYPASS (BP) Pin:
Connection point for a 0.1
μF external bypass capacitor for the
internally generated 5.8 V supply.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is
controlled by this pin. MOSFET switching is terminated when
a current greater than 49
μA is delivered into this pin.
SOURCE (S) Pin:
This pin is the power MOSFET source connection. It is also the
ground reference for the BYPASS and FEEDBACK pins.
LinkSwitch-TN Functional
Description
LinkSwitch-TN combines a high voltage power MOSFETswitch
with a power supply controller in one device. Unlike conventional
PWM (pulse width modulator) controllers, LinkSwitch-TN uses
a simple ON/OFF control to regulate the output voltage. The
LinkSwitch-TN controller consists of an oscillator, feedback
(sense and logic) circuit, 5.8 V regulator, BYPASS pin under-
voltage circuit, over-temperature protection, frequency jittering,
current limit circuit, leading edge blanking and a 700 V power
MOSFET. The LinkSwitch-TN incorporates additional circuitry
for auto-restart.
Oscillator
The typical oscillator frequency is internally set to an average
of 66 kHz. Two signals are generated from the oscillator: the
maximum duty cycle signal (DC
MAX) and the clock signal that
indicates the beginning of each cycle.
The LinkSwitch-TN oscillator incorporates circuitry that
introduces a small amount of frequency jitter, typically 4 kHz
peak-to-peak, to minimize EMI emission. The modulation rate
of the frequency jitter is set to 1 kHz to optimize EMI reduction
for both average and quasi-peak emissions. The frequency
jitter should be measured with the oscilloscope triggered at
the falling edge of the DRAIN waveform. The waveform in
Figure 4 illustrates the frequency jitter of the LinkSwitch-TN.
Feedback Input Circuit
The feedback input circuit at the FB pin consists of a low
impedance source follower output set at 1.65V.When the current
delivered into this pin exceeds 49
μA, a low logic level (disable)
is generated at the output of the feedback circuit. This output
is sampled at the beginning of each cycle on the rising edge of
the clock signal. If high, the power MOSFET is turned on for
that cycle (enabled), otherwise the power MOSFET remains off
(disabled). Since the sampling is done only at the beginning of
each cycle, subsequent changes in the FB pin voltage or current
during the remainder of the cycle are ignored.
5.8 V Regulator and 6.3 V Shunt Voltage Clamp
The 5.8 V regulator charges the bypass capacitor connected to
the BYPASS pin to 5.8 V by drawing a current from the voltage
on the DRAIN, whenever the MOSFET is off. The BYPASS
pin is the internal supply voltage node for the LinkSwitch-TN.
When the MOSFET is on, the LinkSwitch-TN runs off of the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows the LinkSwitch-TN
to operate continuously from the current drawn from the DRAIN
pin. A bypass capacitor value of 0.1
μF is sufficient for both
high frequency decoupling and energy storage.
In addition, there is a 6.3 V shunt regulator clamping the
BYPASS pin at 6.3 V when current is provided to the BYPASS
pin through an external resistor. This facilitates powering of
LinkSwitch-TN externally through a bias winding to decrease
the no-load consumption to about 50 mW.
BYPASS Pin Under-Voltage
The BYPASS pin under-voltage circuitry disables the power
MOSFET when the BYPASS pin voltage drops below 4.85 V.
Once the BYPASS pin voltage drops below 4.85 V, it must rise
back to 5.8 V to enable (turn-on) the power MOSFET.
Over-Temperature Protection
The thermal shutdown circuitry senses the die temperature.
The threshold is set at 142
°C typical with a 75 °C hysteresis.
When the die temperature rises above this threshold (142
°C)the
power MOSFET is disabled and remains disabled until the die
temperature falls by 75
°C, at which point it is re-enabled.
Current Limit
The current limit circuit senses the current in the power MOSFET.
When this current exceeds the internal threshold (I
LIMIT), the
PI-3491-120706
3a
3b
FB
D
S
BP
S
S
S
P Package (DIP-8B)
G Package (SMD-8B)
D Package (SO-8C)
8
5
7
1
4
2
3
D
S
FB
S
S
BP
8
5
7
1
4
2
S
6
Figure 3. Pin Configuration.


Similar Part No. - LNK304DGTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304DG POWERINT-LNK304DG Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DG POWERINT-LNK304DG Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DG POWERINT-LNK304DG Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DG-TL POWERINT-LNK304DG-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DG-TL POWERINT-LNK304DG-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results

Similar Description - LNK304DGTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com