Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD888D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD888D
Description  Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD888D Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD888D Datasheet HTML 7Page - Texas Instruments SN65HVD888D Datasheet HTML 8Page - Texas Instruments SN65HVD888D Datasheet HTML 9Page - Texas Instruments SN65HVD888D Datasheet HTML 10Page - Texas Instruments SN65HVD888D Datasheet HTML 11Page - Texas Instruments SN65HVD888D Datasheet HTML 12Page - Texas Instruments SN65HVD888D Datasheet HTML 13Page - Texas Instruments SN65HVD888D Datasheet HTML 14Page - Texas Instruments SN65HVD888D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Vcc
GND
B
A
D
DE
R
RE
a) Independent driver and
receiver enable signals
b) Combined enable signals for
use as directional control pin
c) Receiver always on
R
D
Vcc
GND
B
A
D
DE
R
RE
R
D
Vcc
GND
B
A
D
DE
R
RE
R
D
SN65HVD888
www.ti.com
SLLSEH3 – JULY 2013
APPLICATION INFORMATION
Device Configuration
The SN65HVD888 is a half-duplex RS-485 transceiver operating from a single 5-V ±10% supply. The driver and
receiver enable pins allow for the configuration of different operating modes.
Figure 13. Transceiver Configurations
Using independent enable lines provides the most flexible control as the lines allow for the driver and the
receiver to be turned on and turned off individually. While this configuration requires two control lines, it allows for
selective listening to the bus traffic, whether the driver is transmitting data or not. Only this configuration allows
the SN65HVD888 to enter low-power standby mode because it allows both the driver and receiver to be disabled
simultaneously.
Combining the enable signals simplifies the interface to the controller by forming a single direction-control signal.
Thus, when the direction-control line is high, the transceiver is configured as a driver, while for a low the device
operates as a receiver.
Tying the receiver enable to ground and controlling only the driver-enable input also uses only one control line. In
this configuration a node not only receives the data on the bus sent by other nodes but also receives the data
sent on the bus, enabling the node to verify the correct data has been transmitted.
Bus Design
An RS-485 bus consists of multiple transceivers connected in parallel to a bus cable. To eliminate line
reflections, each cable end is terminated with a termination resistor, RT, whose value matches the characteristic
impedance, Z0, of the cable. This method, known as parallel termination, allows for relatively high data rates over
long cable length.
Common cables used are unshielded twisted pair (UTP), such as low-cost CAT-5 cable with Z0 = 100
Ω, and
RS-485 cable with Z0 = 120
Ω. Typical cable sizes are AWG 22 and AWG 24.
The maximum bus length is typically given as 4000 ft or 1200 m, and represents the length of an AWG 24 cable
whose cable resistance approaches the value of the termination resistance, thus reducing the bus signal by half
or 6 dB. Actual maximum usable cable length depends on the signaling rate, cable characteristics, and
environmental conditions.
Table 1. VID with a Failsafe Network and Bus Termination
VCC
RL Differential
RFS Pull up
RFS Pull down
VID
Termination
560
Ω
560
Ω
230 mV
1 K
Ω
1 K
Ω
131 mV
5 V
54
Ω
4.7 K
Ω
4.7 K
Ω
29 mV
10 K
Ω
10 K
Ω
13 mV
An external failsafe-resistor network must be used to ensure failsafe operation during an idle bus state. When the
bus is not actively driven, the differential receiver inputs could float allowing the receiver output to assume a
random output. A proper failsafe network forces the receiver inputs to exceed the VIT threshold, thus forcing the
SN65HVD888 receiver output into the failsafe (high) state. Table 1 shows the differential input voltage (VID) for
various failsafe networks with a 54-
Ω differential bus termination.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD888


Similar Part No. - SN65HVD888D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
SN65HVD82D TI1-SN65HVD82D Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
SN65HVD82DR TI1-SN65HVD82DR Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results

Similar Description - SN65HVD888D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
   짹18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
logo
Texas Instruments
SN888C TI1-SN888C Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com