Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK562DN Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK562DN
Description  LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK562DN Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK562DN Datasheet HTML 7Page - Power Integrations, Inc. LNK562DN Datasheet HTML 8Page - Power Integrations, Inc. LNK562DN Datasheet HTML 9Page - Power Integrations, Inc. LNK562DN Datasheet HTML 10Page - Power Integrations, Inc. LNK562DN Datasheet HTML 11Page - Power Integrations, Inc. LNK562DN Datasheet HTML 12Page - Power Integrations, Inc. LNK562DN Datasheet HTML 13Page - Power Integrations, Inc. LNK562DN Datasheet HTML 14Page - Power Integrations, Inc. LNK562DN Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LNK562-564
11
Rev. H 11/08
Figure 8. General Test Circuit.
PI-3490-060204
50 V
50 V
D
FB
S
S
S
S
BP
S1
470 k
Ω
S2
0.1
μF
470
Ω
5 W
PI-3707-112503
FB
tP
tEN
DCMAX
t
P
=
1
f
OSC
VDRAIN
(internal signal)
Figure 9. Duty Cycle Measurement.
Figure 10. Output Enable Timing.
0
100
Time (μs)
-100
2 μs
Figure 11. Peak Negative Pulsed DRAIN Current
Waveform.


Similar Part No. - LNK562DN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562DN-TL POWERINT-LNK562DN-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
More results

Similar Description - LNK562DN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562_08 Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562 POWERINT-LNK562 Datasheet
755Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com