Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62056DGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62056DGS
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62056DGS Datasheet(HTML) 3 Page - Texas Instruments

  TPS62056DGS Datasheet HTML 1Page - Texas Instruments TPS62056DGS Datasheet HTML 2Page - Texas Instruments TPS62056DGS Datasheet HTML 3Page - Texas Instruments TPS62056DGS Datasheet HTML 4Page - Texas Instruments TPS62056DGS Datasheet HTML 5Page - Texas Instruments TPS62056DGS Datasheet HTML 6Page - Texas Instruments TPS62056DGS Datasheet HTML 7Page - Texas Instruments TPS62056DGS Datasheet HTML 8Page - Texas Instruments TPS62056DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS62052, TPS62054
TPS62056, TPS62050, TPS62051
www.ti.com
SLVS432E – SEPTEMBER 2002 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
VI = 7.2 V, VO = 3.3 V, IO = 300 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.7
10
V
I(Q)
Operating quiescent current
IO = 0 mA, SYNC = GND, VI = 7.2 V
12
20
µA
EN = GND
1.5
5
I(SD)
Shutdown current
µA
EN = GND, TA=25°C
1.5
3
Quiescent current with enhanced LBI comparator
IQ(LBI)
EN = VI, LBI=GND, TPS62051 only
5
µA
version.
ENABLE
VIH
EN high level input voltage
1.3
V
VIL
EN low level input voltage
0.3
V
EN trip point hysteresis
100
mV
Ilkg
EN input leakage current
EN = GND or VIN, VI = 7.2 V
0.01
0.2
µA
I(EN)
EN input current
0.6 V
≤ V(EN)≤ 4 V
2
µA
V(UVLO)
Undervoltage lockout threshold
1.6
V
POWER SWITCH
VI ≥ 5.4 V; IO = 300 mA
400
650
rDS(on)
P-channel MOSFET on-resistance
m
VI = 2.7 V; IO = 300 mA
600
850
P-channel MOSFET leakage current
VDS = 10 V
1
µA
P-channel MOSFET current limit
VI = 7.2V, VO = 3.3 V
1000
1200
1400
mA
VI ≥ 5.4 V; IO = 300 mA
300
450
rDS(on)
N-channel MOSFET on-resistance
m
VI = 2.7 V; IO = 300 mA
450
550
N-channel MOSFET leakage current
VDS = 6 V
1
µA
POWER GOOD OUTPUT, LBI, LBO
V(PG)
Power good trip voltage
Vml -2%
V
VO ramping positive
50
Power good delay time
µs
VO ramping negative
200
VOL
PG, LBO output low voltage
V(FB) = 0.8 x VO nominal, I(sink) = 1 mA
0.3
V
PG, LBO output leakage current
V(FB) = VO nominal, V(LBI) = VI
0.01
0.25
µA
Minimum supply voltage for valid power good, LBO
2.3
V
signal
V(LBI)
Low battery input trip voltage
Input voltage falling
1.21
V
Low battery input trip point accuracy
1.5%
V(LBI,HY
Low battery input hysteresis
15
mV
S)
Ilkg(LBI)
LBI leakage current
0.01
0.1
µA
OSCILLATOR
fS
Oscillator frequency
600
850
1000
kHz
f(SYNC)
Synchronization range
600
1200
kHz
VIH
SYNC high level input voltage
1.5
V
VIL
SYNC low level input voltage
0.3
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.1
µA
SYNC trip point hysteresis
100
mV
Duty cycle of external clock signal
20%
90%
Copyright © 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62052 TPS62054 TPS62056 TPS62050 TPS62051


Similar Part No. - TPS62056DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62056DGS TI-TPS62056DGS Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62056DGS TI1-TPS62056DGS Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62056DGSG4 TI1-TPS62056DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62056DGSR TI1-TPS62056DGSR Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62056DGSRG4 TI1-TPS62056DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62056DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com