Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK364PG Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK364PG
Description  LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK364PG Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK364PG Datasheet HTML 6Page - Power Integrations, Inc. LNK364PG Datasheet HTML 7Page - Power Integrations, Inc. LNK364PG Datasheet HTML 8Page - Power Integrations, Inc. LNK364PG Datasheet HTML 9Page - Power Integrations, Inc. LNK364PG Datasheet HTML 10Page - Power Integrations, Inc. LNK364PG Datasheet HTML 11Page - Power Integrations, Inc. LNK364PG Datasheet HTML 12Page - Power Integrations, Inc. LNK364PG Datasheet HTML 13Page - Power Integrations, Inc. LNK364PG Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LNK362-364
2-10
Rev. E 11/08
10
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 8
(Unless Otherwise Specified)
Min
Typ
Max
Units
OUTPUT (cont)
Breakdown
Voltage
BV
DSS
V
BP = 6.2 V, VFB ≥ 2 V,
See Note H, T
J = 25 °C
700
V
DRAIN Supply
Voltage
50
V
Output Enable
Delay
t
EN
See Figure 10
10
μs
Output Disable
Setup Time
t
DST
0.5
μs
Auto-Restart
ON-Time
t
AR
T
J = 25 °C
See Note I
LNK362
40
ms
LNK363-364
45
Auto-Restart Duty
Cycle
DC
AR
5%
NOTES:
A. Total current consumption is the sum of I
S1 and IDSS when FEEDBACK pin voltage is ≥2 V (MOSFET not
switching) and the sum of I
S2 and IDSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching).
B Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the
DRAIN. An alternative is to measure the BYPASS pin current at 6 V.
C. See Typical Performance Characteristics section Figure 15 for BYPASS pin startup charging waveform.
D. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK
pins and not any other external circuitry.
E. For current limit at other di/dt values, refer to Figure 14.
F. This parameter is guaranteed by design.
G. This parameter is derived from characterization.
H. Breakdown voltage may be checked against minimum BV
DSS specification by ramping the DRAIN pin voltage up
to but not exceeding minimum BV
DSS.
I. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to
frequency).


Similar Part No. - LNK364PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK364PG-TL POWERINT-LNK364PG-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results

Similar Description - LNK364PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com