Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK364DN-TL Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # LNK364DN-TL
Description  LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK364DN-TL Datasheet(HTML) 5 Page - Power Integrations, Inc.

  LNK364DN-TL Datasheet HTML 1Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 2Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK364DN-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LNK362-364
2-5
5
Rev. E 11/08
The LinkSwitch-XT is completely self-powered from the DRAIN
pin, requiring only a small ceramic capacitor C3 connected to
the BYPASS pin. No auxiliary winding on the transformer is
required.
Key Application Considerations
LinkSwitch-XT Design Considerations
Output Power Table
The data sheet maximum output power table (Table 1) represents
the maximum practical continuous output power level that can
be obtained under the following assumed conditions:
1. The minimum DC input voltage is 90 V or higher for 85 VAC
input, or 240 V or higher for 230 VAC input or 115 VAC
with a voltage doubler. The value of the input capacitance
should be large enough to meet these criteria for AC input
designs.
2. Secondary output of 6 V with a fast PN rectifier diode.
3. Assumed efficiency of 70%.
4. Voltage only output (no secondary-side constant current
circuit).
5. Discontinuous mode operation (K
P >1).
6. A primary clamp (RCD or Zener) is used.
7. The part is board mounted with SOURCE pins soldered
to a sufficient area of copper to keep the SOURCE pin
temperature at or below 100 °C.
8. Ambient temperature of 50 °C for open frame designs
and an internal enclosure temperature of 60 °C for adapter
designs.
Below a value of 1, K
P is the ratio of ripple to peak primary
current. Above a value of 1, K
P is the ratio of primary MOSFET
OFF time to the secondary diode conduction time. Due to
the flux density requirements described below, typically a
LinkSwitch-XT design will be discontinuous, which also has
the benefits of allowing lower cost fast (instead of ultra-fast)
output diodes and reducing EMI.
Clampless Designs
Clampless designs rely solely on the drain node capacitance
to limit the leakage inductance induced peak drain-to-source
voltage. Therefore, the maximum AC input line voltage, the
value of V
OR, the leakage inductance energy, a function of
leakage inductance and peak primary current, and the primary
winding capacitance determine the peak drain voltage. With no
significant dissipative element present, as is the case with an
external clamp, the longer duration of the leakage inductance
ringing can increase EMI.
The following requirements are recommended for a universal
input or 230 VAC only Clampless design:
1. A Clampless design should only be used for P
O ≤ 2.5 W,
using the LNK362and a V
OR** ≤ 90 V.
2. For designs where P
O ≤ 2 W, a two-layer primary should be
used to ensure adequate primary intra-winding capacitance
in the range of 25 pF to 50 pF.
3. For designs where 2
< P
O ≤ 2.5 W, a bias winding should be
added to the transformer using a standard recovery rectifier
diode to act as a clamp. This bias winding may also be used
to externally power the device by connecting a resistor from
the bias-winding capacitor to the BYPASS pin. This inhibits
the internal high-voltage current source, reducing device
dissipation and no-load consumption.
4. For designs where P
O > 2.5 W Clampless designs are not
practical and an external RCD or Zener clamp should be
used.
5. Ensure that worst-case high line, peak drain voltage is below
the BV
DSS specification of the internal MOSFET and ideally
≤ 650 V to allow margin for design variation.
†For 110 VAC only input designs it may be possible to extend
the power range of Clampless designs to include the LNK363.
However, the increased leakage ringing may degrade EMI
performance.
**V
OR is the secondary output plus output diode forward voltage
drop that is reflected to the primary via the turns ratio of the
transformer during the diode conduction time. The V
OR adds
to the DC bus voltage and the leakage spike to determine the
peak drain voltage.
Audible Noise
The cycle skipping mode of operation used in LinkSwitch-XT
can generate audio frequency components in the transformer.
To limit this audible noise generation, the transformer should
be designed such that the peak core flux density is below
1500 Gauss (150 mT). Following this guideline and using the
standard transformer production technique of dip varnishing
practically eliminates audible noise. Vacuum impregnation
of the transformer should not be used due to the high primary
capacitance and increased losses that result. Higher flux densities
are possible, however careful evaluation of the audible noise
performance should be made using production transformer
samples before approving the design.
Ceramic capacitors that use dielectrics, such as Z5U, when
used in clamp circuits may also generate audio noise. If this is
the case, try replacing them with a capacitor having a different
dielectric or construction, for example a film type.
LinkSwitch-XT Layout Considerations
See Figure 6 for a recommended circuit board layout for
LinkSwitch-XT (P & G package).
Single Point Grounding
Useasinglepointgroundconnectionfromtheinputfiltercapacitor
to the area of copper connected to the SOURCE pins.


Similar Part No. - LNK364DN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK364DN-TL POWERINT-LNK364DN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results

Similar Description - LNK364DN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com