Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK354G Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK354G
Description  lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK354G Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK354G Datasheet HTML 7Page - Power Integrations, Inc. LNK354G Datasheet HTML 8Page - Power Integrations, Inc. LNK354G Datasheet HTML 9Page - Power Integrations, Inc. LNK354G Datasheet HTML 10Page - Power Integrations, Inc. LNK354G Datasheet HTML 11Page - Power Integrations, Inc. LNK354G Datasheet HTML 12Page - Power Integrations, Inc. LNK354G Datasheet HTML 13Page - Power Integrations, Inc. LNK354G Datasheet HTML 14Page - Power Integrations, Inc. LNK354G Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LNK353/354
F
2/05
11
200
300
350
400
250
0
0
4
2
8
6
10 12 14 16 18 20
DRAIN Voltage (V)
50
150
100
25
°C
100
°C
Scaling Factors:
LNK353
0.7
LNK354
1.0
Typical Performance Characteristics
Figure 14. BYPASS Pin Start-up Waveform.
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
Time (ms)
7
Figure 10. Breakdown vs. Temperature.
Figure 12. Current Limit vs. Temperature at
Normalized di/dt.
Figure 13. Current Limit vs. di/dt.
Figure 15. Output Characteristics.
Figure 11. Frequency vs. Temperature.
TBD
Temperature (
°C)
1.0
1.2
1.4
0.8
0.6
0.4
0.2
0
-50
0
50
100
150
di/dt = 1
di/dt = 6
Normalized di/dt
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125
Junction Temperature (
°C)
Normalized di/dt
1.0
1.2
1.4
0.8
0.6
0.4
0.2
0
1
2
3
4
5
LNK353
LNK354
LNK353
LNK354
Normalized
di/dt = 1
90 mA/
µs
115 mA/
µs
Normalized
Current
Limit = 1
185 mA
250 mA


Similar Part No. - LNK354G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK354G POWERINT-LNK354G Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK354G POWERINT-LNK354G Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
More results

Similar Description - LNK354G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com