Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985AIM5-3.6 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2985AIM5-3.6
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985AIM5-3.6 Datasheet(HTML) 1 Page - Texas Instruments

  LP2985AIM5-3.6 Datasheet HTML 1Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 2Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 3Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 4Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 5Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 6Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 7Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 8Page - Texas Instruments LP2985AIM5-3.6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and
DSBGA Packages
Designed for Use with Very Low ESR Output Capacitors
Check for Samples: LP2985-N
1
FEATURES
DESCRIPTION
The LP2985-N is a 150 mA, fixed-output voltage
2
Ultra Low Dropout Voltage
regulator designed to provide ultra low-dropout and
Ensured 150 mA Output Current
low noise in battery powered applications.
Smallest Possible Size (SOT-23, DSBGA
Using an optimized VIP (Vertically Integrated PNP)
Packages)
process,
the
LP2985-N
delivers
unequalled
Requires Minimum External Components
performance in all specifications critical to battery-
powered designs:
Stable with Low-ESR Output Capacitor
<1 µA Quiescent Current when Shut Down
Dropout Voltage: Typically 300 mV @ 150 mA load,
and 7 mV @ 1 mA load.
Low Ground Pin Current at All Loads
Output Voltage Accuracy 1% (A Grade)
Ground Pin Current: Typically 850 µA @ 150 mA
load, and 75 µA @ 1 mA load.
High Peak Current Capability
Wide Supply Voltage Range (16V Max)
Enhanced Stability: The LP2985-N is stable with
output capacitor ESR as low as 5 m
Ω, which allows
Low ZOUT: 0.3Ω Typical (10 Hz to 1 MHz)
the use of ceramic capacitors on the output.
Overtemperature/Overcurrent Protection
Sleep Mode: Less than 1 µA quiescent current when
−40°C to +125°C Junction Temperature Range
ON/OFF pin is pulled low.
Custom Voltages Available
Smallest
Possible
Size:
SOT-23
and
DSBGA
packages use absolute minimum board space.
APPLICATIONS
Precision Output: 1% tolerance output voltages
Cellular Phone
available (A grade).
Palmtop/Laptop Computer
Low Noise: By adding a 10 nF bypass capacitor,
Personal Digital Assistant (PDA)
output noise can be reduced to 30 µV (typical).
Camcorder, Personal Stereo, Camera
Multiple voltage options, from 2.5V to 5.0V, are
available as standard products. Consult factory for
custom voltages.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985AIM5-3.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985AIM5-3.6 NSC-LP2985AIM5-3.6 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985AIM5-3.6 TI1-LP2985AIM5-3.6 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985AIM5-3.6 TI1-LP2985AIM5-3.6 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985AIM5-3.6/NOPB TI1-LP2985AIM5-3.6/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985AIM5-3.6/NOPB TI-LP2985AIM5-3.6/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
More results

Similar Description - LP2985AIM5-3.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com