Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2149IDGNG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2149IDGNG4
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2149IDGNG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2149IDGNG4 Datasheet HTML 1Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 2Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 3Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 4Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 5Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 6Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 7Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 8Page - Texas Instruments TPS2149IDGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS2149
TPS2159
SLVS401 − AUGUST 2001
4
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN) ≤ 5.5 V, TJ = −40°C to 100°C (unless otherwise noted)
timing parameters, power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turnon time, OUTx switch, (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
6
ton
Turnon time, OUTx switch, (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
3
toff
Turnoff time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
10
ms
toff
Turnoff time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
2
ms
tr
Rise time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
0.5
5
tr
Rise time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.1
2
tf
Fall time, OUTx switch (see Note 1)
CL = 100 µF
RL = 33 Ω
5.5
9
tf
Fall time, OUTx switch (see Note 1)
CL = 1 µF
RL = 33 Ω
0.05
1.2
NOTE 1. Specified by design, not tested in production.
undervoltage lockout at VIN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO Threshold
2.2
2.85
V
Hysteresis (see Note 1)
260
mV
Deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN) ≤ 5.5 V, VI(ENx) = 0 V, VI(LDO_EN) = 5 V, CL(LDO_OUT) = 10 µF, TJ = −40°C to 100°C
(unless otherwise noted)
3.3 V LDO
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VO
Output voltage, dc
VI(VIN) = 4.25 V to 5.25 V,
IO(LDO_OUT) = 0.5 mA to 200 mA
3.20
3.3
3.40
V
Dropout voltage
VI(VIN) = 3.2 V, IO(OUT1) = 150 mA,
IO(LDO_OUT) = 200 mA
0.35
V
Line regulation voltage (see Note 1)
VI(VIN) = 4.25 V to 5.25 V, IO(LDO_OUT) = 5 mA
0.1
%/V
Load regulation voltage (see Note 1)
VI(VIN) = 4.25 V, IO(LDO_OUT) = 5 mA to 200 mA
0.4
1%
IOS
Short-circuit current limit
VI(VIN) = 4.25 V, LDO_OUT connected to GND
0.275
0.33
0.55
A
Ilkg(R)
Reverse leakage current into
LDO_OUT
VO(LDO_OUT) = 3.3 V, VI(IN) = 0 V
10
µA
Ilkg(R)
Reverse leakage current into
LDO_OUT
VO(LDO_OUT) = 5.5 V, VI(IN) = 0 V
10
µA
Power supply rejection
f = 1 kHz, CL(LDO_OUT) = 4.7 µF, ESR = 0.25 Ω,
IO = 5 mA, VINp−p = 100 mV
50
dB
Ramp-up time, LDO_OUT (0% to 90%)
VIN ramping up from 10% to 90% in 0.1 ms,
RL = 16 Ω, CL(LDO_OUT) = 10 µF
0.1
1
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTES:
1. Specified by design, not tested in production.


Similar Part No. - TPS2149IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2149IDGN TI-TPS2149IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2149IDGN TI-TPS2149IDGN Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2149IDGN TI-TPS2149IDGN Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2149IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2149 TI-TPS2149 Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
   Bus-Powered USB Digitizers
logo
Texas Instruments
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com