Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576S-3.3 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2576S-3.3
Description  SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576S-3.3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2576S-3.3 Datasheet HTML 2Page - Texas Instruments LM2576S-3.3 Datasheet HTML 3Page - Texas Instruments LM2576S-3.3 Datasheet HTML 4Page - Texas Instruments LM2576S-3.3 Datasheet HTML 5Page - Texas Instruments LM2576S-3.3 Datasheet HTML 6Page - Texas Instruments LM2576S-3.3 Datasheet HTML 7Page - Texas Instruments LM2576S-3.3 Datasheet HTML 8Page - Texas Instruments LM2576S-3.3 Datasheet HTML 9Page - Texas Instruments LM2576S-3.3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM2576, LM2576HV
SNVS107C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version, and VIN
= 30V for the 15V version. ILOAD = 500 mA.
LM2576-XX
Units
LM2576HV-XX
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
DEVICE PARAMETERS
Ib
Feedback Bias Current
VOUT = 5V (Adjustable Version Only)
50
100/500
nA
fO
Oscillator Frequency
See (2)
52
kHz
47/42
kHz (Min)
58/63
kHz (Max)
VSAT
Saturation Voltage
IOUT = 3A
(3)
1.4
V
1.8/2.0
V(Max)
DC
Max Duty Cycle (ON)
See (4)
98
%
93
%(Min)
ICL
Current Limit
See (3)(2)
5.8
A
4.2/3.5
A(Min)
6.9/7.5
A(Max)
IL
Output Leakage Current
Output = 0V
2
mA(Max)
Output =
−1V
7.5
mA
Output =
−1V (5)(6)
30
mA(Max)
IQ
Quiescent Current
See (5)
5
mA
10
mA(Max)
ISTBY
Standby Quiescent
ON /OFF Pin = 5V (OFF)
50
μA
Current
200
μA(Max)
θJA
Thermal Resistance
T Package, Junction to Ambient (7)
65
θJA
T Package, Junction to Ambient (8)
45
°C/W
θJC
T Package, Junction to Case
2
θJA
S Package, Junction to Ambient (9)
50
ON /OFF CONTROL Test Circuit Figure 21 and Figure 22
VIH
ON /OFF Pin
VOUT = 0V
1.4
2.2/2.4
V(Min)
Logic Input Level
VIL
VOUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
IIH
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
μA
Current
30
μA(Max)
IIL
ON /OFF Pin = 0V (ON)
0
μA
10
μA(Max)
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
(3)
Output pin sourcing current. No diode, inductor or capacitor connected to output.
(4)
Feedback pin removed from output and connected to 0V.
(5)
Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V
versions, to force the output transistor OFF.
(6)
VIN = 40V (60V for high voltage version).
(7)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ½ inch leads in a
socket, or on a PC board with minimum copper area.
(8)
Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with ¼ inch leads
soldered to a PC board containing approximately 4 square inches of copper area surrounding the leads.
(9)
If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally
connected to the package. Using 0.5 square inches of copper area,
θJA is 50°C/W, with 1 square inch of copper area, θJA is 37°C/W,
and with 1.6 or more square inches of copper area,
θJA is 32°C/W.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2576 LM2576HV


Similar Part No. - LM2576S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576S-3.3 NSC-LM2576S-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576S-3.3 SEMTECH-LM2576S-3.3 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
Texas Instruments
LM2576S-3.3 TI1-LM2576S-3.3 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576S-3.3 ARTSCHIP-LM2576S-3.3 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2576S-3.3 UMW-LM2576S-3.3 Datasheet
2Mb / 10P
   IC REG BUCK 3A TO263-5L
More results

Similar Description - LM2576S-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com