Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6204ZHK200 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C6204ZHK200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6204ZHK200 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6204ZHK200 Datasheet HTML 1Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 2Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 3Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 4Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 5Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 6Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 7Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 8Page - Texas Instruments TMS320C6204ZHK200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
TMS320C6204
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS152C -- OCTOBER 2000 -- REVISED MARCH 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
device characteristics (continued)
Table 1. Characteristics of the Pin-Compatible TMS320C6204 and C6202/02B/03B/03C DSPs
HARDWARE FEATURES
C6204
C6202
C6202B
C6203B/C
EMIF
Peripherals
DMA
4-Channel With
Throughput
Enhancements
4-Channel
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
Peripherals
Expansion Bus
McBSPs
2
3
3
3
32-Bit Timers
2
2
2
2
Size (Bytes)
64K
256K
256K
384K
Internal
Program
Memory
Organization
1 Block:
64K-Byte
Cache/Mapped
Program
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
256K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped Program
Size (Bytes)
64K
128K
128K
512K
Internal Data
Memory
Organization
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks per
Block
50/50 Split
CPUID+
Rev ID
Control Status Register
(CSR.[31:16])
0x0003
0x0002
0x0003
0x0003
Frequency
MHz
200
200, 250
250
250, 300 (03B)
300 (03C)
Cycle Time
ns
5 ns (C6204-200)
4 ns (C6202-250)
5 ns (C6202-200)
4 ns (C6202B-250)
3.33 ns (C6203C-300)
3.33 ns (C6203B-300)
4 ns (C6203B-250)
Voltage
Core (V)
1.5
1.8
1.5
1.2 (C6203C)
1.5 (C6203B)
1.7 (C6203BGLS Only)
I/O (V)
3.3
3.3
3.3
3.3
PLL Options
CLKIN frequency multiplier
[Bypass (x1), x4, x6, x7,
x8, x9, x10, and x11]
x1, x4 (Both Pkgs)
x1, x4 (Both Pkgs)
x1, x4, x8, x10
(GJL Pkg)
All PLL Options
(GLS Pkg)
x1, x4, x8, x10
(GJL Pkg)
All PLL Options
(GLS Pkg)
27 x 27 mm
--
352-pin GJL
352-pin GJL
352-pin GNZ
BGA
Packages
18 x 18 mm
340-pin GLW
384-pin GLS
384-pin GLS
384-pin GLS
384-pin GNY
Packages
16 x 16 mm
288-pin GHK
--
--
--
Process
Technology
μm
0.15 μm
0.18 μm
0.15 μm
0.15 μm
Product
Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
PP
PD


Similar Part No. - TMS320C6204ZHK200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6204ZHK200 TI1-TMS320C6204ZHK200 Datasheet
1Mb / 95P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6204ZHK200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com