Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC4541IDGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC4541IDGKRG4
Description  5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4541IDGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC4541IDGKRG4 Datasheet HTML 1Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 2Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 3Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 4Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 5Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 6Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 7Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 8Page - Texas Instruments TLC4541IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLC4541, TLC4545
SLAS293 − DECEMBER 2001
5
www.ti.com
electrical characteristics over recommended operating free-air temperature range,
VDD = 5 V, VREF = 4.096 V, SCLK frequency = 15 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VDD = 4.5 V,
IOH = −0.2 mA
3.9
V
VOL
Low-level output voltage
VDD = 4.5 V,
IOL = 0.8 mA
0.4
V
IOZ
Off-state output current
VO = VDD,
CS = VDD
1
2.5
A
IOZ
Off-state output current
(high-impedance-state)
VO = 0,
CS = VDD
−1
−2.5
µA
IIH
High-level input current
VI = VDD
0.005
2.5
µA
IIL
Low-level input current
VI = 0
−0.005
2.5
µA
ICC
Operating supply current
CS at 0 V,
VDD = 4.5 V to 5.5 V
3.5
mA
ICC(PD) Power-down supply current
For all digital inputs, 0
≤ VI ≤ 0.3 V or
VI ≥ VDD − 0.3 V, SCLK=VDD,
VDD = 4.5 V to 5.5 V
3
5
µA
Selected analog input channel
Selected channel at VDD
1
A
Selected analog input channel
leakage current
Selected channel at 0 V
−1
µA
Ci
Input capacitance
Analog inputs
11
14
pF
Ci
Input capacitance
Control Inputs
20
25
pF
Zi
Input resistance
VDD = 5.5 V
500
ac specifications (TLC4541/45)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SINAD
Signal-to-noise ratio + distortion
fI = 15 kHz at 200 KSPS
84.5
dB
SNR
Signal-to-noise ratio
fI = 15 kHz at 200 KSPS
85
dB
THD
Total harmonic distortion
TLC4541
fI = 15 kHz at 200 KSPS
−94
−87
dB
THD
Total harmonic distortion
TLC4545
fI = 15 kHz at 200 KSPS
−94
−89
dB
ENOB
Effective number of bits
fI = 15 kHz at 200 KSPS
13.7
Bits
SFDR
Spurious free dynamic range
TLC4541
fI = 15 kHz at 200 KSPS
−95
−87
dB
SFDR
Spurious free dynamic range
TLC4545
fI = 15 kHz at 200 KSPS
−95
−89
dB
Full power bandwidth, −3 dB, analog input
1
MHz
Full power bandwidth, −1 dB, analog input
500
kHz
Crosstalk
0.25 LBS
80
dB
dc specifications (TLC4541/45)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
INL
Integral linearity error (see Note 1)
−2.5
2.5
LSB
DNL
Differential linearity error
−1
2
LSB
EO
Offset error (see Note 2)
TLC4541
−3.5
3.5
mV
EO
Offset error (see Note 2)
TLC4545
−1
1
mV
EG
Gain error (see Note 2)
TLC4541
−2
2
mV
EG
Gain error (see Note 2)
TLC4545
−1.8
1.8
mV
† All typical values are at VDD = 5 V, TA = 25°C.
NOTES:
1. Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
2. Zero error is the difference between 0000h and the converted output for zero input voltage: full-scale error is the difference between
ideal full-scale and the converted output for full-scale input voltage.


Similar Part No. - TLC4541IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4541IDGKRG4 TI1-TLC4541IDGKRG4 Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com