Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-6ES-2.5RC Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-6ES-2.5RC
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-6ES-2.5RC Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DF1B-6ES-2.5RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DF1B-6ES-2.5RC Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
B193
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
s Single Row In-line Plug(Simple Lock Type)
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 2 contacts connector contains the concave portion to prevent miss-insertion in the center area at one point, which is
different from the above figure.In addition, the 3 to 7 contact connectors contain the concave portion at both sides.
Note 1.The installation hole size C according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Note 3.At the panel tab portion, use the surface that will not be rounded.
Unit: mm
Part Number
CL No.
DF1BA- 8EP-2.5RC
DF1BA- 9EP-2.5RC
DF1BA-10EP-2.5RC
DF1BA-12EP-2.5RC
541-0706-5
541-0707-8
541-0708-0
541-0710-2
8
9
10
12
17.5
20
22.5
27.5
22.1
24.6
27.1
32.1
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1BA- 2EP-2.5RC
DF1BA- 3EP-2.5RC
DF1BA- 4EP-2.5RC
DF1BA- 5EP-2.5RC
DF1BA- 6EP-2.5RC
DF1BA- 7EP-2.5RC
541-0700-9
541-0701-1
541-0702-4
541-0703-7
541-0704-0
541-0705-2
2
3
4
5
6
7
2.5
5
7.5
10
12.5
15
7.1
9.6
12.1
14.6
17.1
19.6
Yes
Number of Contacts
A
B
RoHS
KApplicable Socket: DF1B-*S-2.5R
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of Contacts
DF1BA- 2EP-2.5RC
DF1BA- 3EP-2.5RC
DF1BA- 4EP-2.5RC
DF1BA- 5EP-2.5RC
DF1BA- 6EP-2.5RC
DF1BA- 7EP-2.5RC
DF1BA- 8EP-2.5RC
DF1BA- 9EP-2.5RC
DF1BA-10EP-2.5RC
DF1BA-12EP-2.5RC
2
3
4
5
6
7
8
9
10
12
0.5 to 1.2
Panel Board Thickness (Note 1)
C
11.2
13.7
16.2
18.7
21.2
23.7
26.2
28.7
31.2
36.2
1.3 to 1.6
11.9
14.4
16.9
19.4
21.9
24.4
26.9
29.4
31.9
36.9
1.7 to 2.0
12.6
15.1
17.6
20.1
22.6
25.1
27.6
30.1
32.6
37.6
D
7.3
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
32.3
Note 3
Panel


Similar Part No. - DF1B-6ES-2.5RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-6ES-2.5RC HIROSE-DF1B-6ES-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-6ES-2.5RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com