Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-5ES-2.5RC Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # DF1B-5ES-2.5RC
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DF1B-5ES-2.5RC Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DF1B-5ES-2.5RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DF1B-5ES-2.5RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
B190
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Unit: mm
s Single Row Straight Pin Header for Potting
[Specific No.] –* *, (* *)
(05): Tin plated
(25) : Tin plated, tube packaging
K Board Positioning Boss Hole Diameter:Ø1.1+0+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1
B Tube Size
B
Applicable Potting Thickness : 6mm
Potting status
Part Number
CL No.
DF1BD- 2P-2.5DSA(**)
DF1BD- 3P-2.5DSA(**)
DF1BD- 4P-2.5DSA(**)
DF1BD- 5P-2.5DSA(**)
DF1BD- 6P-2.5DSA(**)
DF1BD- 7P-2.5DSA(**)
DF1BD- 8P-2.5DSA(**)
DF1BD- 9P-2.5DSA(**)
DF1BD-10P-2.5DSA(**)
541-0800-3-**
541-0801-6-**
541-0802-9-**
541-0803-1-**
541-0804-4-**
541-0805-7-**
541-0806-0-**
541-0807-2-**
541-0808-5-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
64pieces
48
38
32
27
24
21
19
17
Yes
Number of Contacts
A
B
Tube Package Quantity RoHS
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per pack.
Note 2.Please order the tube packaging products, multiplying the packaging quantity (pieces).
Note 3.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.In addition, the 4 to 7 contacts connectors have two concave portions at both ends.


Similar Part No. - DF1B-5ES-2.5RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-5ES-2.5RC HIROSE-DF1B-5ES-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-5ES-2.5RC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com