Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117LD-3.3/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM1117LD-3.3/NOPB
Description  800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117LD-3.3/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM1117LD-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM1117LD-3.3/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage (VIN-V OUT)
Short-Circuit Current
Figure 8.
Figure 9.
Load Regulation
LM1117-N-ADJ Ripple Rejection
Figure 10.
Figure 11.
LM1117-N-ADJ Ripple Rejection vs. Current
Temperature Stability
Figure 12.
Figure 13.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1117-N LM1117I


Similar Part No. - LM1117LD-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1117LD-3.3/NOPB TI1-LM1117LD-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-3.3/NOPB TI1-LM1117LD-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-3.3/NOPB TI1-LM1117LD-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-3.3/NOPB TI1-LM1117LD-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117LD-3.3/NOPB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com