Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY-9WFZ-K Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # RY-9WFZ-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

RY-9WFZ-K Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  RY-9WFZ-K Datasheet HTML 1Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 2Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 3Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 4Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 5Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 6Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 7Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 8Page - Lite-On Technology Corporation RY-9WFZ-K Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
RY SERIES
1. General Information
l
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free
now. Most of our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu.
l
All signal and most power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE).
l
Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany
problems (compatible).
l
“LF”ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays).
l
Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice.
l
Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists.
Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condition
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in
house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum120˚C
Soldering:
dip within 5 sec. at
260˚Csolerbath
Solder by Soldering Iron:
Soldering Iron
Temperature: maximum360˚C
Duration:
maximum3sec.


Similar Part No. - RY-9WFZ-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D RECOM-RY-0505D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D/P RECOM-RY-0505D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505DCL RECOM-RY-0505DCL Datasheet
75Kb / 1P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RY-9WFZ-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com