Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603A102BXQMT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 0603A102BXQMT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

0603A102BXQMT Datasheet(HTML) 4 Page - Vishay Siliconix

  0603A102BXQMT Datasheet HTML 1Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 2Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 3Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 4Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 5Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 6Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 7Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 8Page - Vishay Siliconix 0603A102BXQMT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
4
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Polymer (B-termination) have increased dimensions:
Length 0.006"(0.15 mm)
DIMENSIONS in inches (millimeters)
CASE CODE
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION
(P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002
(1.00 + 0.10/- 0.05)
0.020 + 0.004/- 0.002
(0.50 + 0.10/- 0.05)
0.024
(0.60)
0.004
(0.10)
0.016
(0.41)
0603
VJ0603
0.063 ± 0.006
(1.60 ± 0.15)
0.031 ± 0.006
(0.80 ± 0.15)
0.036
(0.92)
0.012
(0.30)
0.018
(0.46)
0805
VJ0805
0.079 ± 0.008
(2.00 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.057
(1.45)
0.010
(0.25)
0.028
(0.71)
1206
VJ1206
0.126 ± 0.010
(3.20 ± 0.25)
0.063 ± 0.010
(1.60 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1210
VJ1210
0.126 ± 0.010
(3.20 ± 0.25)
0.098 ± 0.010
(2.50 ± 0.25)
0.067
(1.70)
0.010
(0.25)
0.028
(0.71)
1808
VJ1808
0.180 ± 0.012
(4.57 ± 0.30)
0.080 ± 0.010
(2.03 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
1812
VJ1812
0.177 ± 0.012
(4.50 ± 0.30)
0.126 ± 0.008
(3.20 ± 0.20)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
1825
VJ1825
0.177 ± 0.012
(4.50 ± 0.30)
0.252 ± 0.010
(6.40 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
2220
VJ2220
0.220 ± 0.010
(5.59 ± 0.25)
0.200 ± 0.010
(5.08 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
2225
VJ2225
0.220 ± 0.010
(5.59 ± 0.25)
0.250 ± 0.010
(6.35 ± 0.25)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
3640
VJ3640
0.360 ± 0.015
(9.14 ± 0.38)
0.400 ± 0.015
(10.20 ± 0.38)
0.086
(2.18)
0.010
(0.25)
0.030
(0.76)
L
W
P
T
MAX.


Similar Part No. - 0603A102BXQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0603A102BXQCW1MC VISHAY-0603A102BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0603A102BXQMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com