Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV431AIMFX-NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV431AIMFX-NOPB
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV431AIMFX-NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV431AIMFX-NOPB Datasheet HTML 6Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 7Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 8Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 9Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 10Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 11Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 12Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 13Page - Texas Instruments LMV431AIMFX-NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LMV431, LMV431A, LMV431B
SNVS041F – MAY 2004 – REVISED MAY 2005
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
Reference Input Current
vs.
vs.
Junction Temperature
Junction Temperature
Figure 7.
Figure 8.
Cathode Current
Cathode Current
vs.
vs.
Cathode Voltage 1
Cathode Voltage 2
Figure 9.
Figure 10.
Delta Reference Voltage Per
Delta Cathode Voltage
Off-State Cathode Current vs.
vs.
Junction Temperature
Junction Temperature
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LMV431 LMV431A LMV431B


Similar Part No. - LMV431AIMFX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431AIMFX NSC-LMV431AIMFX Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431AIMFX NSC-LMV431AIMFX Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
More results

Similar Description - LMV431AIMFX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com