Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A617ASD Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # H11A617ASD
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617ASD Datasheet(HTML) 7 Page - Fairchild Semiconductor

  H11A617ASD Datasheet HTML 1Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 2Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 3Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 4Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 5Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 6Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 7Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 8Page - Fairchild Semiconductor H11A617ASD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4/24/03
Page 7 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
ORDERING INFORMATION
MARKING INFORMATION
Option
Order Entry Identifier
Description
S.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and reel
W.W
0.4" Lead Spacing
300
.300
VDE 0884
300W
.300W
VDE 0884, 0.4" Lead Spacing
3S
.3S
VDE 0884, Surface Mount
3SD
.3SD
VDE 0884, Surface Mount, Tape & Reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
814
X
VT
YY


Similar Part No. - H11A617ASD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617A FAIRCHILD-H11A617A Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11A617ASD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com