Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY-24WF-K Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # RY-24WF-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

RY-24WF-K Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  RY-24WF-K Datasheet HTML 1Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 2Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 3Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 4Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 5Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 6Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 7Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 8Page - Lite-On Technology Corporation RY-24WF-K Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
RY SERIES
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(±10%)
voltage
voltage
power
RY-4.5D-K
4.5VDC
45Ω
3.0VDC
0.23VDC
450mW
RY-5D-K
5VDC
55Ω
3.3VDC
0.25VDC
450mW
RY-6D-K
6VDC
80Ω
3.95VDC
0.3VDC
450mW
RY-9D-K
9VDC
180Ω
5.9VDC
0.45VDC
450mW
RY-12D-K
12VDC
320Ω
7.9VDC
0.6VDC
450mW
RY-18D-K
18VDC
720Ω
11.8VDC
0.9VDC
450mW
RY-24D-K
24VDC
1,280Ω
15.8VDC
1.2VDC
450mW
RY-48D-K
48VDC
4,800Ω
31.8VDC
2.4VDC
480mW
Note : All values in the table are measured at 20°C.


Similar Part No. - RY-24WF-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-2405D RECOM-RY-2405D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RY-2405D RECOM-RY-2405D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-2405D RECOM-RY-2405D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-2405D/P RECOM-RY-2405D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-2405DCL RECOM-RY-2405DCL Datasheet
75Kb / 1P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RY-24WF-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com