Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5068MM-3 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5068MM-3
Description  Negative Voltage Hot Swap Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5068MM-3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5068MM-3 Datasheet HTML 7Page - Texas Instruments LM5068MM-3 Datasheet HTML 8Page - Texas Instruments LM5068MM-3 Datasheet HTML 9Page - Texas Instruments LM5068MM-3 Datasheet HTML 10Page - Texas Instruments LM5068MM-3 Datasheet HTML 11Page - Texas Instruments LM5068MM-3 Datasheet HTML 12Page - Texas Instruments LM5068MM-3 Datasheet HTML 13Page - Texas Instruments LM5068MM-3 Datasheet HTML 14Page - Texas Instruments LM5068MM-3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CL
VDD
VEE
SENSE
TIMER
UV
GATE
OV
PWRGD
CC
CT
R3
R2
R1
RS
LM5068
Q1
VDD
(GND)
VEE
(-48V)
+
+
+ C
F
RF
LM5068
PLUG-IN BOARD
CL
VDD (GND)
VEE (-48V)
LIVE
BACKPLANE
+
LM5068
www.ti.com
SNVS254C – JANUARY 2004 – REVISED MARCH 2013
FUNCTION DESCRIPTION
The LM5068 is designed to facilitate the insertion and removal of circuit cards into live backplanes in a controlled
manner. Because the supply bypass capacitors on the circuit card can draw large transient currents, it is critical
to control the supply current during insertion to limit system power glitches and connector damage. Controlling in-
rush current prevents other boards in the system from resetting during board insertion. Load short-circuit
protection is accomplished by active current limiting of the load current. The topology of the LM5068 is illustrated
in the simplified application circuit shown in Figure 23.
Figure 23. LM5068 Topology
Start-Up Operation
The LM5068 resides on a removable circuit card. Power is applied to the load or power conversion circuitry
through an external N-Channel MOSFET switch and current sense resistor.
When power is initially applied to the card, the gate of the external MOSFET is held low. When certain interlock
conditions are met, a turn-on sequence begins and an internal 60 µA current source charges the gate of the
MOSFET. To initiate the start-up sequence, all of the following interlock conditions must be satisfied:
The input voltage VDD - VEE exceeds 9V(VUVS)
The voltage at UV is above 2.5V (VUV)
The voltage at OV falls below 2.5V (VOV)
The voltage on the Timer capacitor (CT) is less than 1V (VTLVT)
The GATE pin is below 0.5V (VGLT)
When all of the interlock conditions are met, a 6 µA TIMER current source is enabled to charge the timer
capacitor CT. During this initial timer sequence the GATE output is held low. When the CT capacitor successfully
charges up to 4V, the TIMER circuit resets the timer capacitor to 1V and activates a 60 µA current source (IGATE)
into the MOSFET gate.
Figure 24. Hot Swap Controller
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5068


Similar Part No. - LM5068MM-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068MM-3/NOPB TI1-LM5068MM-3/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Negative Voltage Hot Swap Controller
More results

Similar Description - LM5068MM-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com