Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP3N60A4D9A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HGTP3N60A4D9A
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP3N60A4D9A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HGTP3N60A4D9A Datasheet HTML 1Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 2Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 3Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 4Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 5Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 6Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 7Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 8Page - Fairchild Semiconductor HGTP3N60A4D9A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
HGT1S3N60A4DS, HGTP3N60A4D Rev. B
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HGT1S3N60A4DS
HGTP3N60A4D
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
600
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
C25
17
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
C110
8A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
40
A
Gate to Emitter Voltage Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . SSOA
15A at 600V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .P
D
70
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.58
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Lead Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Tech Brief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Pulse width limited by maximum junction temperature.
Electrical Specifications
TJ = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = 600V
TJ = 25
oC
-
-
250
µA
TJ = 125
oC
-
-
3.0
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = 3A,
VGE = 15V
TJ = 25
oC
-
2.0
2.7
V
TJ = 125
oC
-
1.6
2.2
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 250µA, VCE = 600V
4.5
6.1
7.0
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G = 50Ω, VGE = 15V,
L = 200
µH, VCE = 600V
15
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC = 3A, VCE = 300V
-
8.8
-
V
On-State Gate Charge
Qg(ON)
IC = 3A,
VCE = 300V
VGE = 15V
-
21
25
nC
VGE = 20V
-
26
32
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 25
oC,
ICE = 3A,
VCE = 390V,
VGE = 15V,
RG = 50Ω,
L = 1mH,
Test Circuit (Figure 24)
-6
-
ns
Current Rise Time
trI
-11
-
ns
Current Turn-Off Delay Time
td(OFF)I
-73
-
ns
Current Fall Time
tfI
-47
-
ns
Turn-On Energy (Note 2)
EON1
-37
-
µJ
Turn-On Energy (Note 2)
EON2
-55
70
µJ
Turn-Off Energy (Note 3)
EOFF
-25
35
µJ
HGT1S3N60A4DS, HGTP3N60A4D


Similar Part No. - HGTP3N60A4D9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP3N60A4D INTERSIL-HGTP3N60A4D Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGTP3N60A4D9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com