Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD3N60A4S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGTD3N60A4S
Description  600V, SMPS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTD3N60A4S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGTD3N60A4S Datasheet HTML 1Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 2Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 3Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 4Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 5Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 6Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 7Page - Fairchild Semiconductor HGTD3N60A4S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
HGTD3N60A4S, HGTP3N60A4 Rev. B1
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
02
3
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
45
16
12
20
1
TJ = 25
oC
TJ = 125
oC
TJ = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VGE = 12V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
4
8
16
12
20
02
3
4
1
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 25
oC
TJ = 150
oC
TJ = 125
oC
160
80
ICE, COLLECTOR TO EMITTER CURRENT (A)
120
40
200
3
24
5
6
0
1
240
TJ = 25
oC, V
GE = 12V, VGE = 15V
TJ = 125
oC, V
GE = 12V, VGE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
120
0
20
80
40
100
140
60
3
24
5
6
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 125
oC, V
GE = 12V OR 15V
RG = 50Ω, L = 1mH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
12
16
2
1
345
6
8
4
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
1
ICE, COLLECTOR TO EMITTER CURRENT (A)
4
8
20
16
12
24
32
28
3
24
5
6
1
TJ = 25
oC OR T
J = 125
oC, V
GE = 15V
RG = 50Ω, L = 1mH, VCE = 390V
TJ = 25
oC OR T
J = 125
oC, V
GE = 12V
HGTD3N60A4S, HGTP3N60A4


Similar Part No. - HGTD3N60A4S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
More results

Similar Description - HGTD3N60A4S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com