Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3409MY-NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3409MY-NOPB
Description  PFET Buck Controller for High Power LED Drivers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3409MY-NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3409MY-NOPB Datasheet HTML 1Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 2Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 3Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 4Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 5Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 6Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 7Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 8Page - Texas Instruments LM3409MY-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LM3409, LM3409HV, LM3409-Q1
www.ti.com
SNVS602J – MARCH 2009 – REVISED MAY 2013
Absolute Maximum RatingsLM3409/09N/09Q/09HV/09QHV
(1) (2)
VIN, EN, UVLO to GND
-0.3V to 45V
(76V LM3409HV/09QHV)
VIN to VCC, PGATE
-0.3V to 7V
VIN to PGATE
-2.8V for 100ns
9.5V for 100ns
VIN to CSP, CSN
-0.3V to 0.3V
COFF to GND
-0.3V to 4V
COFF current
±1 mA continuous
IADJ Current
±5 mA continuous
Junction Temperature
150°C
Storage Temperature Range
-65°C to 125°C
ESD Rating (3)
LM3409/09N/09HV
1 kV
LM3409Q/09QHV
2 kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings (LM3409/09N/09Q/09HV/09QHV)
(1)
VIN
6V to 42V
(75V LM3409HV/09QHV)
Junction Temperature Range
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions.
Electrical Characteristics LM3409/09N/09Q/09HV/09QHV
VIN = 24V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA = TJ = +25°C
(1). Limits
appearing in boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are
specified by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min(2)
Typ(1)
Max(2)
Units
PEAK CURRENT COMPARATOR
VCST
VCSP – VCSN average peak
VADJ = 1.0V
188
198
208
mV
current threshold(3)
VADJ = VADJ-OC
231
246
261
AADJ
VADJ to VCSP – VCSN threshold
0.1 < VADJ < 1.2V
0.2
V/V
gain
VADJ = VADJ-OC
VADJ-OC
IADJ pin open circuit voltage
1.189
1.243
1.297
V
IADJ
IADJ pin current
3.8
5
6.4
µA
tDEL
CSN pin falling delay
CSN fall - PGATE rise
38
ns
SYSTEM CURRENTS
IIN
Operating current
Not switching
2
mA
ISD
Shutdown hysteresis current
EN = 0V
110
µA
PFET DRIVER
(1)
Typical values represent most likely parametric norms at the conditions specified and are not ensured.
(2)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instrument's Average Outgoing Quality Level
(AOQL).
(3)
The current sense threshold limits are calculated by averaging the results from the two polarities of the high-side differential amplifier.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3409 LM3409HV LM3409-Q1


Similar Part No. - LM3409MY-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3409MY NSC-LM3409MY Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409MY NSC-LM3409MY Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Texas Instruments
LM3409MY/NOPB TI1-LM3409MY/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
National Semiconductor ...
LM3409MYX NSC-LM3409MYX Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409MYX NSC-LM3409MYX Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
More results

Similar Description - LM3409MY-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3409 NSC-LM3409 Datasheet
996Kb / 30P
   PFET Buck Controller for High Power LED Drives
LM3409 NSC-LM3409_10 Datasheet
1,003Kb / 30P
   PFET Buck Controller for High Power LED Drives
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
LM3401 TI1-LM3401 Datasheet
549Kb / 23P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com