Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2577SX-ADJNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2577SX-ADJNOPB
Description  SIMPLE SWITCHER짰 Step-Up Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2577SX-ADJNOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2577SX-ADJNOPB Datasheet HTML 1Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 2Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 3Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 4Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 5Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 6Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 7Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 8Page - Texas Instruments LM2577SX-ADJNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LM1577, LM2577
SNOS658D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics—LM1577-12, LM2577-12 (continued)
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V, and ISWITCH = 0.
Symbol
Parameter
Conditions
Typical
LM1577-12
LM2577-12
Units
Limit(1)(2)
Limit(3)
(Limits)
VUV
Input Supply
ISWITCH = 100 mA
2.90
V
Undervoltage Lockout
2.70/2.65
2.70/2.65
V(min)
3.10/3.15
3.10/3.15
V(max)
fO
Oscillator Frequency
Measured at Switch Pin
52
kHz
ISWITCH = 100 mA
48/42
48/42
kHz(min)
56/62
56/62
kHz(max)
VREF
Output Reference
Measured at Feedback Pin
V
Voltage
VIN = 3.5V to 40V
12
11.76/11.64
11.76/11.64
V(min)
VCOMP = 1.0V
12.24/12.36
12.24/12.36
V(max)
Output Reference
VIN = 3.5V to 40V
7
mV
Voltage Line Regulator
RFB
Feedback Pin Input
9.7
k
Ω
Resistance
GM
Error Amp
ICOMP = −30 μA to +30 μA
370
μmho
Transconductance
VCOMP = 1.0V
225/145
225/145
μmho(min)
515/615
515/615
μmho(max)
AVOL
Error Amp
VCOMP = 1.1V to 1.9V
80
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(5)
50/25
50/25
V/V(min)
Error Amplifier
Upper Limit
2.4
V
Output Swing
VFEEDBACK = 10.0V
2.2/2.0
2.2/2.0
V(min)
Lower Limit
0.3
V
VFEEDBACK = 15.0V
0.40/0.55
0.40/0.55
V(max)
Error Amplifier
VFEEDBACK = 10.0V to 15.0V
±200
μA
Output Current
VCOMP = 1.0V
±130/±90
±130/±90
μA(min)
±300/±400
±300/±400
μA(max)
ISS
Soft Start Current
VFEEDBACK = 10.0V
5.0
μA
VCOMP = 0V
2.5/1.5
2.5/1.5
μA(min)
7.5/9.5
7.5/9.5
μA(max)
D
Maximum Duty Cycle
VCOMP = 1.5V
95
%
ISWITCH = 100 mA
93/90
93/90
%(min)
Switch
12.5
A/V
Transconductance
IL
Switch Leakage
VSWITCH = 65V
10
μA
Current
VFEEDBACK = 15V (Switch Off)
300/600
300/600
μA(max)
VSAT
Switch Saturation
ISWITCH = 2.0A
0.5
V
Voltage
VCOMP = 2.0V (Max Duty Cycle)
0.7/0.9
0.7/0.9
V(max)
NPN Switch
4.5
A
Current Limit
3.7/3.0
3.7/3.0
A(min)
5.3/6.0
5.3/6.0
A(max)
(5)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier's output) to ensure accuracy in measuring AVOL. In
actual applications, this pin's load resistance should be
≥10 MΩ, resulting in AVOL that is typically twice the ensured minimum limit.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1577 LM2577


Similar Part No. - LM2577SX-ADJNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2577S NSC-LM2577S Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2577S-12 NSC-LM2577S-12 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577S-12 NSC-LM2577S-12 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
LM2577S-15 NSC-LM2577S-15 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
LM2577S-15 NSC-LM2577S-15 Datasheet
862Kb / 27P
   SIMPLE SWITCHER-R Step-Up Voltage Regulator
More results

Similar Description - LM2577SX-ADJNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com