Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1881M Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1881M
Description  Video Sync Separator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1881M Datasheet(HTML) 2 Page - Texas Instruments

  LM1881M Datasheet HTML 1Page - Texas Instruments LM1881M Datasheet HTML 2Page - Texas Instruments LM1881M Datasheet HTML 3Page - Texas Instruments LM1881M Datasheet HTML 4Page - Texas Instruments LM1881M Datasheet HTML 5Page - Texas Instruments LM1881M Datasheet HTML 6Page - Texas Instruments LM1881M Datasheet HTML 7Page - Texas Instruments LM1881M Datasheet HTML 8Page - Texas Instruments LM1881M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM1881
SNLS384F – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage
13.2V
Input Voltage
3 VP-P (VCC = 5V)
6 VP-P (VCC ≥ 8V)
Output Sink Currents; Pins, 1, 3, 5
5 mA
Output Sink Current; Pin 7
2 mA
Package Dissipation (3)
1100 mW
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility (4)
2 kV
ESD Susceptibility (5)
200 V
Soldering Information
PDIP Package (10 sec.)
260°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
For operation in ambient temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
package thermal resistance of 110°C/W, junction to ambient.
(4)
ESD susceptibility test uses the “human body model, 100 pF discharged through a 1.5 k
Ω resistor”.
(5)
Machine Model, 220 pF – 240 pF discharged through all pins.
Electrical Characteristics LM1881
VCC = 5V; RSET = 680 kΩ; TA = 0°C to +70°C by correlation with 100% electrical testing at TA=25°C
Parameter
Conditions
Min
Typ (1)
Max
Units
Supply Current
Outputs at
VCC = 5V
5.2
10
mA
Logic 1
VCC = 12V
5.5
12
DC Input Voltage
Pin 2
1.3
1.5
1.8
V
Input Threshold Voltage
(2)
55
70
85
mV
Input Discharge Current
Pin 2; VIN = 2V
6
11
16
µA
Input Clamp Charge Current
Pin 2; VIN = 1V
0.2
0.8
mA
RSET Pin Reference Voltage
Pin 6; (3)
1.10
1.22
1.35
V
Composite Sync. & Vertical
IOUT = 40 µA;
VCC = 5V
4.0
4.5
V
Outputs
Logic 1
VCC = 12V
11.0
IOUT = 1.6 mA
VCC = 5V
2.4
3.6
V
Logic 1
VCC = 12V
10.0
Burst Gate & Odd/Even Outputs
IOUT = 40 µA;
VCC = 5V
4.0
4.5
V
Logic 1
VCC = 12V
11.0
Composite Sync. Output
IOUT = −1.6 mA; Logic 0; Pin 1
0.2
0.8
V
Vertical Sync. Output
IOUT = −1.6 mA; Logic 0; Pin 3
0.2
0.8
V
Burst Gate Output
IOUT = −1.6 mA; Logic 0; Pin 5
0.2
0.8
V
Odd/Even Output
IOUT = −1.6 mA; Logic 0; Pin 7
0.2
0.8
V
Vertical Sync Width
190
230
300
µs
Burst Gate Width
2.7 k
Ω from Pin 5 to VCC
2.5
4
4.7
µs
Vertical Default Time
(4)
32
65
90
µs
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(2)
Relative difference between the input clamp voltage and the minimum input voltage which produces a horizontal output pulse.
(3)
Careful attention should be made to prevent parasitic capacitance coupling from any output pin (Pins 1, 3, 5 and 7) to the RSET pin (Pin
6).
(4)
Delay time between the start of vertical sync (at input) and the vertical output pulse.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1881


Similar Part No. - LM1881M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881M NSC-LM1881M Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881M-X NSC-LM1881M-X Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
More results

Similar Description - LM1881M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
logo
Texas Instruments
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
[Old version datasheet]   Multi-Format Video Sync Separator
logo
Intersil Corporation
ISL59450 INTERSIL-ISL59450 Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
   Multiformat Video Crosspoint with Integrated Sync Separator
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
   Super Sync Separator
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
453Kb / 24P
   Super Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com