Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY-5W-K Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # RY-5W-K
Description  MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

RY-5W-K Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  RY-5W-K Datasheet HTML 1Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 2Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 3Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 4Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 5Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 6Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 7Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 8Page - Lite-On Technology Corporation RY-5W-K Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
RY SERIES
n
COIL DATA CHART
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(±10%)
voltage
voltage
power
RY-4.5W-K
4.5VDC
135Ω
3.2VDC
0.23VDC
150mW
RY-5W-K
5VDC
165Ω
3.6VDC
0.25VDC
150mW
RY-6W-K
6VDC
240Ω
4.3VDC
0.3VDC
150mW
RY-9W-K
9VDC
540Ω
6.4VDC
0.45VDC
150mW
RY-12W-K
12VDC
960Ω
8.5VDC
0.6VDC
150mW
RY-18W-K
18VDC
1,620Ω
12.6VDC
0.9VDC
200mW
RY-24W-K
24VDC
2,880Ω
16.8VDC
1.2VDC
200mW
RY-48W-K
48VDC
7,680Ω
32.6VDC
2.4VDC
300mW
RY-3WZ-K
3VDC
18Ω
1.5VDC
0.15VDC
500mW
RY-4.5WZ-K
4.5VDC
36Ω
2.25VDC
0.23VDC
560mW
RY-5WZ-K
5VDC
45Ω
2.5VDC
0.25VDC
560mW
RY-6WZ-K
6VDC
66Ω
3.0VDC
0.3VDC
550mW
RY-9WZ-K
9VDC
140Ω
4.5VDC
0.45VDC
580mW
RY-12WZ-K
12VDC
280Ω
6.0VDC
0.6VDC
510mW
RY-18WZ-K
18VDC
560Ω
9.0VDC
0.9VDC
580mW
RY-24WZ-K
24VDC
1,070Ω
12.0VDC
1.2VDC
540mW
RY-48WZ-K
48VDC
4,000Ω
24.0VDC
2.4VDC
580mW
RY-5WF-K
5VDC
56Ω
3.3VDC
0.25VDC
450mW
RY-6WF-K
6VDC
80Ω
4.0VDC
0.3VDC
450mW
RY-9WF-K
9VDC
180Ω
6.0VDC
0.45VDC
450mW
RY-12WF-K
12VDC
320Ω
8.0VDC
0.6VDC
450mW
RY-18WF-K
18VDC
720Ω
12.0VDC
0.9VDC
450mW
RY-24WF-K
24VDC
1,260Ω
15.9VDC
1.2VDC
450mW
RY-48WF-K
48VDC
5,000Ω
33.0VDC
2.4VDC
460mW
RY-3WFZ-K
3VDC
18Ω
1.9VDC
0.15VDC
500mW
RY-4.5WFZ-K
4.5VDC
36Ω
2.9VDC
0.23VDC
560mW
RY-5WFZ-K
5VDC
45Ω
3.2VDC
0.25VDC
560mW
RY-6WFZ-K
6VDC
66Ω
3.8VDC
0.3VDC
550mW
RY-9WFZ-K
9VDC
140Ω
5.7VDC
0.45VDC
580mW
RY-12WFZ-K
12VDC
280Ω
7.6VDC
0.6VDC
510mW
RY-18WFZ-K
18VDC
560Ω
11.4VDC
0.9VDC
580mW
RY-24WFZ-K
24VDC
1,070Ω
15.2VDC
1.2VDC
540mW
RY-48WFZ-K
48VDC
4,000Ω
36.0VDC
2.4VDC
580mW
Note : All values in the table are measured at 20°C.


Similar Part No. - RY-5W-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RY-0505D RECOM-RY-0505D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D RECOM-RY-0505D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505D/P RECOM-RY-0505D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505DCL RECOM-RY-0505DCL Datasheet
75Kb / 1P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - RY-5W-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com