Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337IMPX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX
Description  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX Datasheet(HTML) 3 Page - Texas Instruments

  LM337IMPX Datasheet HTML 1Page - Texas Instruments LM337IMPX Datasheet HTML 2Page - Texas Instruments LM337IMPX Datasheet HTML 3Page - Texas Instruments LM337IMPX Datasheet HTML 4Page - Texas Instruments LM337IMPX Datasheet HTML 5Page - Texas Instruments LM337IMPX Datasheet HTML 6Page - Texas Instruments LM337IMPX Datasheet HTML 7Page - Texas Instruments LM337IMPX Datasheet HTML 8Page - Texas Instruments LM337IMPX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM137, LM337-N
www.ti.com
SNVS778D – MAY 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
40V
Operating Junction Temperature Range
LM137
−55°C to +150°C
LM337-N
0°C to +125°C
LM337I
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
Plastic Package (Soldering, 4 sec.)
260°C
ESD Rating
2k Volts
(1)
Refer to RETS137H drawing for LM137H or RETS137K drawing for LM137K military specifications.
(2)
Unless otherwise specified, these specifications apply
−55°C ≤ Tj ≤ +150°C for the LM137, 0°C ≤ Tj ≤ +125°C for the LM337-N; VIN
VOUT = 5V; and IOUT = 0.1A for the TO package and IOUT = 0.5A for the TO-3, SOT-223 and TO-220 packages. Although power
dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO and SOT-223 (see
APPLICATION HINTS), and 20W for the TO-3, and TO-220. IMAX is 1.5A for the TO-3, SOT-223 and TO-220 packages, and 0.2A for the
TO package.
ELECTRICAL CHARACTERISTICS
(1)
Parameter
Conditions
LM137
LM337
Units
Min
Typ
Max
Min
Typ
Max
Line Regulation
Tj = 25°C, 3V ≤ |VIN − VOUT| ≤ 40V
0.01
0.02
0.01
0.04
%/V
(2)I
L = 10 mA
Load Regulation
Tj = 25°C, 10 mA ≤ IOUT ≤ IMAX
0.3
0.5
0.3
1.0
%
Thermal Regulation
Tj = 25°C, 10 ms Pulse
0.002
0.02
0.003
0.04
%/W
Adjustment Pin Current
65
100
65
100
μA
Adjustment Pin Current Charge
10 mA
≤ IL ≤ IMAX
2
5
2
5
μA
3.0V
≤ |VIN − VOUT| ≤ 40V,
TA = 25°C
Reference Voltage
Tj = 25°C
(3)
−1.225 −1.250 −1.275 −1.213 −1.250 −1.287
V
3V
≤ |VIN − VOUT| ≤ 40V,
(3)
−1.200 −1.250 −1.300 −1.200 −1.250 −1.300
V
10 mA
≤ IOUT ≤ IMAX, P ≤ PMAX
Line Regulation
3V
≤ |VIN − VOUT| ≤ 40V,
(2)
0.02
0.05
0.02
0.07
%/V
Load Regulation
10 mA
≤ IOUT ≤ IMAX,
(2)
0.3
1
0.3
1.5
%
Temperature Stability
TMIN ≤ Tj ≤ TMAX
0.6
0.6
%
Minimum Load Current
|VIN − VOUT| ≤ 40V
2.5
5
2.5
10
mA
|VIN − VOUT| ≤ 10V
1.2
3
1.5
6
mA
(1)
Unless otherwise specified, these specifications apply
−55°C ≤ Tj ≤ +150°C for the LM137, 0°C ≤ Tj ≤ +125°C for the LM337-N; VIN
VOUT = 5V; and IOUT = 0.1A for the TO package and IOUT = 0.5A for the TO-3, SOT-223 and TO-220 packages. Although power
dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO and SOT-223 (see
APPLICATION HINTS), and 20W for the TO-3, and TO-220. IMAX is 1.5A for the TO-3, SOT-223 and TO-220 packages, and 0.2A for the
TO package.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation. Load regulation is measured on the output pin at a point
⅛ in.
below the base of the TO-3 and TO packages.
(3)
Selected devices with tightened tolerance reference voltage available.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM137 LM337-N


Similar Part No. - LM337IMPX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337IMPX TI1-LM337IMPX Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMPX/NOPB TI1-LM337IMPX/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM337IMPX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com