Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH2MCN150K02 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # LQH2MCN150K02
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH2MCN150K02 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LQH2MCN150K02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LQH2MCN150K02 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
11
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0402 – 1210 (6.3 to 50 VDC)
I
Low distortion and low shock noise make these capacitors well
suited for replacing film chip capacitors.
I
No Polarity
I
GRM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
Stringent dimensional tolerances allow highly reliable,
high-speed automatic chip placement on PCBs.
I
Temperature characteristics: C0G, U2J and X7R
No.
Description
Murata Global P/N
Qty.
1
0402/C0G/150pF/50V
GRM1555C1H151JA01
20
2
0402/C0G/330pF/50V
GRM1555C1H331JA01
20
3
0402/C0G/470pF/50V
GRM1555C1H471JA01
20
4
0402/C0G/680pF/50V
GRM1555C1H681JA01
20
5
0402/C0G/1000pF/50V
GRM1555C1H102JA01
20
6
0603/C0G/1500pF/50V
GRM1885C1H152JA01
20
7
0603/C0G/2200pF/50V
GRM1885C1H222JA01
20
8
0603/C0G/3300pF/50V
GRM1885C1H332JA01
20
9
0805/C0G/4700pF/50V
GRM2165C1H472JA01
20
10
0805/C0G/6800pF/50V
GRM2195C1H682JA01
20
11
0805/C0G/10000pF/50V
GRM2195C1H103JA01
20
12
0805/C0G/15000pF/50V
GRM2195C1H153JA01
20
13
0805/C0G/22000pF/50V
GRM21B5C1H223JA01
20
14
1206/C0G/33000pF/50V
GRM3195C1H333JA01
20
15
1206/C0G/47000pF/50V
GRM31M5C1H473JA01
20
16
1206/C0G/68000pF/50V
GRM31C5C1H683JA01
20
17
1206/C0G/0.1uF/50V
GRM31C5C1H104JA01
20
18
0603/U2J/1000pF/50V
GRM1887U1H102JA01
20
19
0603/U2J/2200pF/50V
GRM1887U1H222JA01
20
20
0603/U2J/3300pF/50V
GRM1887U1H332JA01
20
21
0603/U2J/4700pF/50V
GRM1887U1H472JA01
20
22
0603/U2J/6800pF/50V
GRM1887U1H682JA01
20
23
0603/U2J/10000pF/50V
GRM1887U1H103JA01
20
24
0805/U2J/15000pF/50V
GRM2167U1H153JA01
20
25
0805/U2J/22000pF/50V
GRM2197U1H223JA01
20
26
0805/U2J/33000pF/50V
GRM21A7U1H333JA39
20
27
0805/U2J/47000pF/50V
GRM21B7U1H473JA01
20
28
1206/U2J/68000pF/50V
GRM31M7U1H683JA01
20
29
1206/U2J/0.1uF/50V
GRM31M7U1H104JA01
20
30
0805/X7R/0.1uF/50V
GRM21BR71H104KA01
20
31
0805/X7R/0.15uF/25V
GRM21BR71E154KA01
20
32
0805/X7R/0.22uF/25V
GRM219B71E224KA01
20
33
0805/X7R/0.33uF/50V
GRM219R71H334KA88
20
34
0805/X7R/0.47uF/50V
GRM21BR71H474KA88
20
35
0805/X7R/1uF/25V
GRM21BR71E105KA99
20
36
0603/X5R/1uF/16V
GRM188R61C105KA93
20
37
0603/X5R/1uF/10V
GRM185R61A105KE36
20
38
0603/X5R/2.2uF/10V
GRM188R61A225KE34
20
39
0805/X5R/1uF/16V
GRM216R61C105KA88
20
40
0805/X5R/4.7uF/16V
GRM21BR61C475KA88
20
41
0805/X5R/10uF/10V
GRM21BR61A106KE19
20
42
1206/X5R/2.2uF/16V
GRM316R61C225KA88
20
43
1206/X5R/10uF/25V
GRM31CR61E106KA12
20
44
1206/X5R/22uF/16V
GRM31CR61C226ME15
20
45
1206/X5R/22uF/6.3V
GRM31CR60J226ME19
20
46
1206/X5R/100uF/6.3V
GRM31CR60J107ME39
20
47
1210/X5R/47uF/16V
GRM32ER61C476ME15
20
GRM– – – KIT-TCHIK– – E
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.


Similar Part No. - LQH2MCN150K02

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LQH2MCN150K02 LINER-LQH2MCN150K02 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Murata Manufacturing Co...
LQH2MCN150K02 MURATA-LQH2MCN150K02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN150K02 MURATA-LQH2MCN150K02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
logo
Murata Manufacturing Co...
LQH2MCN150K02 MURATA1-LQH2MCN150K02 Datasheet
442Kb / 4P
   Inductors
11/23/2022
LQH2MCN150K02L MURATA1-LQH2MCN150K02L Datasheet
442Kb / 4P
   Inductors
11/23/2022
More results

Similar Description - LQH2MCN150K02

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com