Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010507DBPE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010507DBPE4
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010507DBPE4 Datasheet(HTML) 2 Page - Texas Instruments

  DCP010507DBPE4 Datasheet HTML 1Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 2Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 3Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 4Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 5Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 6Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 7Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 8Page - Texas Instruments DCP010507DBPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DCP01B SERIES
SBVS012E − DECEMBER 2000 − REVISED DECEMBER 2007
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DCP01B SERIES
UNIT
5−V models
7
V
Input voltage
15−V models
18
V
Input voltage
24−V models
29
V
Storage temperature
−60 to +125
°C
Lead temperature (soldering, 10s)
+270
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
SUPPLEMENTAL ORDERING INFORMATION
Basic Model Number: 1W Product
Voltage Input:
5V In
Voltage Output:
Dual Output:
Model Revision:
Package Code:
5V Out
P= DIP−14
P−U = SOP−14 (Gull−wing)
DCP01 05 05 (D) (B) ( )
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING NUMBER(2)
TRANSPORT
MEDIA
SINGLE VOLTAGE(3)
DCP010505
DIP-14
NVA
−40
°C to +100°C
DCP010505BP
DCP010505BP
Rails
DCP010505
SOP-14(4)
DUA
−40
°C to +100°C
DCP010505BP−U
DCP010505BP−U/700
Tape and Reel
DCP010512
DIP-14
NVA
−40
°C to +100°C
DCP010512BP
DCP010512BP
Rails
DCP010512
SOP-14(4)
DUA
−40
°C to +100°C
DCP010512BP−U
DCP010512BP−U/700
Tape and Reel
DCP010515
DIP-14
NVA
−40
°C to +100°C
DCP010515BP
DCP010515BP
Rails
DCP010515
SOP-14(4)
DUA
−40
°C to +100°C
DCP010515BP−U
DCP010515BP−U/700
Tape and Reel
DCP012405
DIP-14
NVA
−40
°C to +100°C
DCP012405BP
DCP012405BP
Rails
DCP012405
SOP-14(4)
DUA
−40
°C to +100°C
DCP012405BP−U
DCP012405BP−U/700
Tape and Reel
DUAL VOLTAGE(3)
DCP010505
DIP-14
NVA
−40
°C to +100°C
DCP010505DBP
DCP010505DBP
Rails
DCP010505
SOP-14(4)
DUA
−40
°C to +100°C
DCP010505DBP−U
DCP010505DBP−U/700
Tape and Reel
DCP010507
DIP-14
NVA
−40
°C to +100°C
DCP010507DBP
DCP010507DBP
Rails
DCP010507
SOP-14(4)
DUA
−40
°C to +100°C
DCP010507DBP−U
DCP010507DBP−U/700
Tape and Reel
DCP010512
DIP-14
NVA
−40
°C to +100°C
DCP010512DBP
DCP010512DBP
Rails
DCP010512
SOP-14(4)
DUA
−40
°C to +100°C
DCP010512DBP−U
DCP010512DBP−U/700
Tape and Reel
DCP010515
DIP-14
NVA
−40
°C to +100°C
DCP010515DBP
DCP010515DBP
Rails
DCP010515
SOP-14(4)
DUA
−40
°C to +100°C
DCP010515DBP−U
DCP010515DBP−U/700
Tape and Reel
DCP011512
DIP-14
NVA
−40
°C to +100°C
DCP011512DBP
DCP011512DBP
Rails
DCP011512
SOP-14(4)
DUA
−40
°C to +100°C
DCP011512DBP−U
DCP011512DBP−U/700
Tape and Reel
DCP011515
DIP-14
NVA
−40
°C to +100°C
DCP011515DBP
DCP011515DBP
Rails
DCP011515
SOP-14(4)
DUA
−40
°C to +100°C
DCP011515DBP−U
DCP011515DBP−U/700
Tape and Reel
DCP012415
DIP-14
NVA
−40
°C to +100°C
DCP012415DBP
DCP012415DBP
Rails
DCP012415
SOP-14(4)
DUA
−40
°C to +100°C
DCP012415DBP−U
DCP012415DBP−U/700
Tape and Reel
(1) All devices also available in tray quatities. For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet,
or refer to our web site at www.ti.com.
(2) Models with a (/) are available only in Tape and Reel in the quantities indicated (for example, /700 indicates 700 devices per reel). Ordering 700 pieces of
DCP010505BP−U/700 will get a single 700-piece Tape and Reel.
(3) Single voltage versions have six active pins; dual voltage versions have seven active pins.
(4) SOP package is gull-wing surface-mount.


Similar Part No. - DCP010507DBPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010507DBPE4 TI1-DCP010507DBPE4 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
DCP010507DBPE4 TI1-DCP010507DBPE4 Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010507DBPE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com